Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1148 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1148 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1144Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1145Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1146Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1147Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1148Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1149Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1150Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1151Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1148 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1148
Freescale Semiconductor
NOTE
Vector addresses and their relative interrupt priority are determined at the
MCU level.
27.8.1
Description of Flash Interrupt Operation
The logic used for generating interrupts is shown in Figure 27-32.
The Flash module uses the CBEIF and CCIF flags in combination with the CBIE and CCIE enable bits to
generate the Flash command interrupt request.
Figure 27-32. Flash Interrupt Implementation
For a detailed description of the register bits, refer to Section 27.3.2.4, “Flash Configuration Register
(FCNFG)” and Section 27.3.2.6, “Flash Status Register (FSTAT)” .
Table 27-21. Flash Interrupt Sources
Interrupt Source
Interrupt Flag
Local Enable
Global (CCR) Mask
Flash Address, Data and Command Buffers empty
CBEIF
(FSTAT register)
CBEIE
(FCNFG register)
I Bit
All Flash commands completed
CCIF
(FSTAT register)
CCIE
(FCNFG register)
I Bit
Flash Command Interrupt Request
CBEIE
CBEIF
CCIE
CCIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com