Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 112Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 113Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 114Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 115Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 116Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 117Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 118Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 119Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
116
Freescale Semiconductor
Figure 2-26. RESET Pin Tied to VDD (by a pull-up resistor)
Figure 2-27. RESET Pin Held Low Externally
2.6
Interrupts
The interrupts/reset vectors requested by the CRG are listed in Table 2-16. Refer to MCU specification for
related vector addresses and priorities.
2.6.1
Real Time Interrupt
The CRG generates a real time interrupt when the selected interrupt time period elapses. RTI interrupts are
locally disabled by setting the RTIE bit to 0. The real time interrupt flag (RTIF) is set to1 when a timeout
occurs, and is cleared to 0 by writing a 1 to the RTIF bit.
The RTI continues to run during pseudo stop mode if the PRE bit is set to 1. This feature can be used for
periodic wakeup from pseudo stop if the RTI interrupt is enabled.
Table 2-16. CRG Interrupt Vectors
Interrupt Source
CCR
Mask
Local Enable
Real time interrupt
I bit
CRGINT (RTIE)
LOCK interrupt
I bit
CRGINT (LOCKIE)
SCM interrupt
I bit
CRGINT (SCMIE)
RESET
Internal POR
128 SYSCLK
64 SYSCLK
Internal RESET
Clock Quality Check
(no Self-Clock Mode)
) (
) (
) (
Clock Quality Check
RESET
Internal POR
Internal RESET
128 SYSCLK
64 SYSCLK
(no Self Clock Mode)
) (
) (
) (



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com