Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1170 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1170 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1166Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1167Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1168Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1169Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1170Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1171Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1172Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1173Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1170 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1170
Freescale Semiconductor
CAUTION
A Flash word must be in the erased state before being programmed.
Cumulative programming of bits within a Flash word is not allowed.
0x06
Data
Compress
Compress data from a selected portion of the Flash block.
The resulting signature is stored in the FDATA register.
0x20
Program
Program a word (two bytes) in the Flash block.
0x40
Sector
Erase
Erase all memory bytes in a sector of the Flash block.
0x41
Mass
Erase
Erase all memory bytes in the Flash block.
A mass erase of the full Flash block is only possible when FPLDIS, FPHDIS and
FPOPEN bits in the FPROT register are set prior to launching the command.
0x47
Sector
Erase
Abort
Abort the sector erase operation.
The sector erase operation will terminate according to a set procedure. The Flash sector
should not be considered erased if the ACCERR flag is set upon command completion.
Table 28-18. Flash Command Description
FCMDB
NVM
Command
Function on Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com