Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1175 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1175 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1171Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1172Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1173Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1174Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1175Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1176Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1177Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1178Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1175 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1175
28.4.2.2.1
Data Compress Operation
The Flash module contains a 16-bit multiple-input signature register (MISR) for each Flash block to
generate a 16-bit signature based on selected Flash array data. If multiple Flash blocks are selected for
simultaneous compression, then the signature from each Flash block is further compressed to generate a
single 16-bit signature. The final 16-bit signature, found in the FDATA registers after the data compress
operation has completed, is based on the following logic equation which is executed on every data
compression cycle during the operation:
MISR[15:0] = {MISR[14:0], ^MISR[15,4,2,1]} ^ DATA[15:0]
Eqn. 28-1
where MISR is the content of the internal signature register associated with each Flash block and DATA
is the data to be compressed as shown in Figure 28-27.
Figure 28-27. 16-Bit MISR Diagram
During the data compress operation, the following steps are executed:
1. MISR for each Flash block is reset to 0xFFFF.
2. Initialized DATA equal to 0xFFFF is compressed into the MISR for each selected Flash block
which results in the MISR containing 0x0001.
3. DATA equal to the selected Flash array data range is read and compressed into the MISR for each
selected Flash block with addresses incrementing.
4. DATA equal to the selected Flash array data range is read and compressed into the MISR for each
selected Flash block with addresses decrementing.
5. If Flash block 0 is selected for compression, DATA equal to the contents of the MISR for Flash
block 0 is compressed into the MISR for Flash block 0. If data in Flash block 0 was not selected
for compression, the MISR for Flash block 0 contains 0xFFFF.
6. If Flash block 1 is selected for compression, DATA equal to the contents of the MISR for Flash
block 1 is compressed into the MISR for Flash block 0.
7. If Flash block 2 is selected for compression, DATA equal to the contents of the MISR for Flash
block 2 is compressed into the MISR for Flash block 0.
8. If Flash block 3 is selected for compression, DATA equal to the contents of the MISR for Flash
block 3 is compressed into the MISR for Flash block 0.
9. If Flash block 4 is selected for compression, DATA equal to the contents of the MISR for Flash
block 4 is compressed into the MISR for Flash block 0.
DQ
>
+
+
= Exclusive-OR
DATA[0]
M0
DQ
>
+
DATA[1]
M1
DQ
>
+
DATA[2]
M2
DQ
>
+
DATA[3]
M3
DQ
>
+
DATA[4]
M4
DQ
>
+
DATA[5]
M5
DQ
>
+
DATA[15]
M15
...
+
+
+
MISR[15:0] = Q[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com