Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1217 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1217 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1213Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1214Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1215Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1216Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1217Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1218Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1219Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1220Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1217 / 1350 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1217
29.4.2.2.1
Data Compress Operation
The Flash module contains a 16-bit multiple-input signature register (MISR) to generate a 16-bit signature
based on selected Flash array data. The final 16-bit signature, found in the FDATA registers after the data
compress operation has completed, is based on the following logic equation which is executed on every
data compression cycle during the operation:
MISR[15:0] = {MISR[14:0], ^MISR[15,4,2,1]} ^ DATA[15:0]
Eqn. 29-1
where MISR is the content of the internal signature register and DATA is the data to be compressed as
shown in Figure 29-25.
Figure 29-25. 16-Bit MISR Diagram
During the data compress operation, the following steps are executed:
1. MISR is reset to 0xFFFF.
2. Initialized DATA equal to 0xFFFF is compressed into the MISR which results in the MISR
containing 0x0001.
3. DATA equal to the selected Flash array data range is read and compressed into the MISR with
addresses incrementing.
4. DATA equal to the selected Flash array data range is read and compressed into the MISR with
addresses decrementing.
5. DATA equal to the contents of the MISR is compressed into the same MISR.
6. The contents of the MISR are written to the FDATA registers.
DQ
>
+
+
= Exclusive-OR
DATA[0]
M0
DQ
>
+
DATA[1]
M1
DQ
>
+
DATA[2]
M2
DQ
>
+
DATA[3]
M3
DQ
>
+
DATA[4]
M4
DQ
>
+
DATA[5]
M5
DQ
>
+
DATA[15]
M15
...
+
+
+
MISR[15:0] = Q[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com