Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1226 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1226 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1222Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1223Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1224Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1225Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1226Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1227Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1228Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1229Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1230Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1226 / 1350 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1226
Freescale Semiconductor
29.4.3
Illegal Flash Operations
The ACCERR flag will be set during the command write sequence if any of the following illegal steps are
performed, causing the command write sequence to immediately abort:
1. Writing to a Flash address before initializing the FCLKDIV register.
2. Writing a byte or misaligned word to a valid Flash address.
3. Starting a command write sequence while a data compress operation is active.
4. Starting a command write sequence while a sector erase abort operation is active.
5. Writing to any Flash register other than FCMD after writing to a Flash address.
6. Writing a second command to the FCMD register in the same command write sequence.
7. Writing an invalid command to the FCMD register.
8. When security is enabled, writing a command other than mass erase to the FCMD register when
the write originates from a non-secure memory location or from the Background Debug Mode.
9. Writing to a Flash address after writing to the FCMD register.
10. Writing to any Flash register other than FSTAT (to clear CBEIF) after writing to the FCMD
register.
11. Writing a 0 to the CBEIF flag in the FSTAT register to abort a command write sequence.
The ACCERR flag will not be set if any Flash register is read during a valid command write sequence.
The ACCERR flag will also be set if any of the following events occur:
1. Launching the sector erase abort command while a sector erase operation is active which results in
the early termination of the sector erase operation (see Section 29.4.2.6, “Sector Erase Abort
Command”).
2. The MCU enters stop mode and a program or erase operation is in progress. The operation is
aborted immediately and any pending command is purged (see Section 29.5.2, “Stop Mode”).
If the Flash memory is read during execution of an algorithm (CCIF = 0), the read operation will return
invalid data and the ACCERR flag will not be set.
If the ACCERR flag is set in the FSTAT register, the user must clear the ACCERR flag before starting
another command write sequence (see Section 29.3.2.6, “Flash Status Register (FSTAT)”).
The PVIOL flag will be set after the command is written to the FCMD register during a command write
sequence if any of the following illegal operations are attempted, causing the command write sequence to
immediately abort:
1. Writing the program command if an address written in the command write sequence was in a
protected area of the Flash memory
2. Writing the sector erase command if an address written in the command write sequence was in a
protected area of the Flash memory
3. Writing the mass erase command to a Flash block while any Flash protection is enabled in the
block
If the PVIOL flag is set in the FSTAT register, the user must clear the PVIOL flag before starting another
command write sequence (see Section 29.3.2.6, “Flash Status Register (FSTAT)”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com