| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 1308 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 1308 Page - Freescale Semiconductor, Inc |
|
1308 / 1350 page ![]() Appendix F Ordering Information MC9S12XDP512 Data Sheet, Rev. 2.17 1308 Freescale Semiconductor Appendix F Ordering Information The following figure provides an ordering number example for the devices covered by this data book. There are two options when ordering a device. Customers must choose between ordering either the mask-specific partnumber or the generic / mask-independent partnumber Ordering the mask-specific partnumber enables the customer to specify which particular maskset they will receive whereas FSL will ship the currently preferred maskset against any orders for the generic partnumber. In either case, the marking on the device will always show the generic / mask-independent partnumber and the mask set number. For specific partnumbers, please contact your local sales office. The below figure illustrates a mask-specific ordering number. Part numbers may be abbreviated: check with manufacturer for exact part number Tape & Reel Suffix (Optional): R = Tape & Reel Maskset identifier suffix (two digits): First digit references wafer fab Second digit differentiates mask This suffix is omitted in generic partnumbers J1 = 1L15Y maskset in this case F0 = 0M42E maskset in this case S 9 12XDP512 J1 M AL R Package Option Temperature Option FU = 80QFP (non lead -free) PV = 112LQFP (non lead -free) FV = 144LQFP (non lead -free) C = -40 to 85 °C V = -40 to 105 °C M = -40 to 125 °C Part name (abbreviated) No R = No Tape & Reel AA = 80QFP (lead free) AL=112LQFP (lead free) AG = 144LQFP (Lead free) Main Memory Type 9=Flash 3=ROM Status / Partnumber type S or SC = Maskset specific partnumber MC = Generic/mask independent partnumber P or PC = Prototype status see Table 1-6 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |