Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 187Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 188Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 189Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 190Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 191Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 192Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 193Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 194Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
191
4
XGSS
XGATE Single Step — This bit forces the execution of a single instruction if the XGATE is in DEBUG Mode and
no software error has occurred (XGSWEIF cleared).
Read:
0 No single step in progress
1 Single step in progress
Write
0 No effect
1 Execute a single RISC instruction
Note: Invoking a Single Step will cause the XGATE to temporarily leave Debug Mode until the instruction has
been executed.
3
XGFACT
Fake XGATE Activity — This bit forces the XGATE to flag activity to the MCU even when it is idle. When it is set
the MCU will never enter system stop mode which assures that peripheral modules will be clocked during XGATE
idle periods
Read:
0 XGATE will only flag activity if it is not idle or in debug mode.
1 XGATE will always signal activity to the MCU.
Write:
0 Only flag activity if not idle or in debug mode.
1 Always signal XGATE activity.
1
XGSWEIF
XGATE Software Error Interrupt Flag — This bit signals a pending Software Error Interrupt. It is set if the RISC
core detects an error condition (see Section 6.4.5, “Software Error Detection”). The RISC core is stopped while
this bit is set. Clearing this bit will terminate the current thread and cause the XGATE to become idle.
Read:
0 Software Error Interrupt is not pending
1 Software Error Interrupt is pending if XGIE is set
Write:
0 No effect
1 Clears the XGSWEIF bit
0
XGIE
XGATE Interrupt Enable — This bit acts as a global interrupt enable for the XGATE module
Read:
0 All XGATE interrupts disabled
1 All XGATE interrupts enabled
Write:
0 Disable all XGATE interrupts
1 Enable all XGATE interrupts
Table 6-1. XGMCTL Field Descriptions (Sheet 3 of 3)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com