Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2886A Datasheet(PDF) 21 Page - Monolithic Power Systems

No. de pieza MP2886A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2886A Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2886A Datasheet HTML 17Page - Monolithic Power Systems MP2886A Datasheet HTML 18Page - Monolithic Power Systems MP2886A Datasheet HTML 19Page - Monolithic Power Systems MP2886A Datasheet HTML 20Page - Monolithic Power Systems MP2886A Datasheet HTML 21Page - Monolithic Power Systems MP2886A Datasheet HTML 22Page - Monolithic Power Systems MP2886A Datasheet HTML 23Page - Monolithic Power Systems MP2886A Datasheet HTML 24Page - Monolithic Power Systems MP2886A Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
MP2886A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2886A Rev. 1.0
www.MonolithicPower.com
21
1/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
If
VTEMP
is
700mV,
then
the
junction
temperature of the Intelli-Phase is 80°C. Since
VTEMP cannot go below 0V, it reads 0V when
the junction temperature is lower than 10°C.
Refer to the Intelli-Phase datasheet for more
information.
Temperature Sense of the Thermistor
The MP2886A senses the external thermal
component’s temperature by connecting a
thermistor to TSNS (see Figure 10). The sensed
temperature is used for over-temperature fault
protection and over-temperature warning (assert
TALERT#).
Rt
ADC
10µA
TSNS
MP2886A
Figure 10: Temperature Sense for MP2886A with
Thermistor
TSNS sources a 10µA current source to the
thermistor, and the MP2886A senses the voltage
of TSNS. The 10µA current source can be
disabled via register TSNS_CURRENT_DIS
(34h bit[10]), and
a voltage signal can be
connected to TSNS as a new defined protection
function.
Note that if the 10µA current source is enabled,
TSNS cannot be floated.
EEPROM Operation
The MP2886A provides an EEPROM to store
custom configurations. A 4-digit part number
suffix is assigned for each application. The
default configuration for each 4-digit part can be
pre-programmed at the MPS factory. The data
can
be
programmed
again
using
the
STORE_USER_ALL (15h) command via the
PMBus and requires 200ms for the data to be
stored to the EEPROM. The EEPROM is read
automatically during the power-on sequence or
by the RESTORE_USER_ALL (16h) command
via the PMBus and requires at least 300µs for
data to be restored from the EEPROM.
EEPROM operation can be accomplished easily
with MPS GUI software.
The MP2886A uses register DBh to enable
EEPROM write protection.
The EEPROM can be erased or written for more
than 100,000 cycles. When the EEPROM is
write-protected, the EEPROM write action is
ineffective.
EEPROM Fault
If the data from the EEPROM is checked as
invalid by the cyclic redundancy code (CRC)
during the system initialization process, the
system enters an EEPROM fault state without
outputting power and waits for the error clear
command. The configuration from the EEPROM
is ignored.
There are three ways to clear the EEPROM fault
and start up again with the restored value from
the EEPROM:
1. Clear the EEPROM fault via the PMBus
command (FFh).
2. Clear the fault status via the PMBus
command (03h).
3. Store the configuration into the EEPROM
and restart.
Low-Power Mode
The MP2886A can be programmed to operate in
regular-power mode or low-power mode.
In
regular-power
mode,
the
PMBus
communication is available when EN is low. With
low-power mode enabled, when EN is low, the
PMBus communication is disabled, and the
quiescent current (IQ) can be reduced to 150µA.
Low-power mode is factory-programmable.
Power On
The MP2886A is supplied by a +3.3V voltage at
VDD33. VDD33 provides the bias supply for the
analog circuit and internal 1.8V LDO. The 1.8V
LDO produces the +1.8V supply for the digital
circuit. The system is reset by the internal power-
on reset signal (POR) after the VDD33 supply is
ready. If the MP2886A is in regular-power mode,
EN must be high. After the system exits POR,
the data in the EEPROM is loaded into the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com