Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2886A Datasheet(PDF) 39 Page - Monolithic Power Systems

No. de pieza MP2886A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2886A Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MP2886A Datasheet HTML 35Page - Monolithic Power Systems MP2886A Datasheet HTML 36Page - Monolithic Power Systems MP2886A Datasheet HTML 37Page - Monolithic Power Systems MP2886A Datasheet HTML 38Page - Monolithic Power Systems MP2886A Datasheet HTML 39Page - Monolithic Power Systems MP2886A Datasheet HTML 40Page - Monolithic Power Systems MP2886A Datasheet HTML 41Page - Monolithic Power Systems MP2886A Datasheet HTML 42Page - Monolithic Power Systems MP2886A Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
MP2886A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2886A Rev. 1.0
www.MonolithicPower.com
39
1/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
2
EE_WORD_WR_EN
Enable bit for writing and reading the EEPROM via the PMBus on Page 28/Page
29.
0: disable
1: enable
1
FAULT_SAVE_EN
Enable bit for auto-saving a fault status into the EEPROM.
0: disable
1: enable
0
CRC_PROTECT_EN
Enable bit for CRC fault protection.
0: EEPROM CRC fault does not stop the output power
1: EEPROM CRC fault stops the output power. The device enters shutdown mode.
In the process of storing memory data into the EEPROM, the device calculates the
CRC for all saved bits and saves the CRC result in the EEPROM. In the process
of restoring the EEPROM data to the memory, the device calculates the CRC for
all restored bits. At the end of the restore process, the device checks the CRC
results saved in the EEPROM with the calculated CRC. If they do not match, the
device reports a CRC fault and sets bit[4] of STATUS_ CML (7Eh).
WRITE_PROTECT (13h)
This register is used to enable EEPROM write protection.
Command
WRITE_PROTECT
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
EEPROM write protection
Bits
Bit Name
Description
7:0
EEPROM_WP
Enable this bit for EEPROM write protection.
0x00: disable EEPROM write
0x63: enable EEPROM write
STORE_USER_ALL (15h)
The STORE_USER_ALL command instructs the PMBus device to copy the Page 0 contents of the
operating memory to the matching locations in the EEPROM. In the process, the device calculates the
CRC for all saved bits and saves the CRC result in the EEPROM.
This command is write only. There is no data byte for this command.
RESTORE_USER_ALL (16h)
The RESTORE_USER_ALL command instructs the PMBus device to copy the Page 0 contents from the
EEPROM and overwrite the matching locations in the operating memory. In this process, the device
calculates the CRC for all restored bits. If the calculated CRC does not match the CRC value saved in
the EEPROM, the device reports the CRC error via bit[4] of register STATUS_CML (7Eh). The CRC error
protection action is determined by bit[0] of MFR_EEPROM_CTRL (06h).
After the POR, the device triggers the memory copy operation from the EEPROM. This process is the
same as the operating RESTORE_USER_ALL command.
It is NOT permitted to send this command while the device is outputting power; otherwise, the command
will be ignored.
This command is write only. There is no data byte for this command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com