Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2886A Datasheet(PDF) 12 Page - Monolithic Power Systems

No. de pieza MP2886A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2886A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2886A Datasheet HTML 8Page - Monolithic Power Systems MP2886A Datasheet HTML 9Page - Monolithic Power Systems MP2886A Datasheet HTML 10Page - Monolithic Power Systems MP2886A Datasheet HTML 11Page - Monolithic Power Systems MP2886A Datasheet HTML 12Page - Monolithic Power Systems MP2886A Datasheet HTML 13Page - Monolithic Power Systems MP2886A Datasheet HTML 14Page - Monolithic Power Systems MP2886A Datasheet HTML 15Page - Monolithic Power Systems MP2886A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
MP2886A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2886A Rev. 1.0
www.MonolithicPower.com
12
1/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, COUT = 6400μF, RIMON = 4.42kΩ, PGOOD is pulled up to +3.3V. TA = +25°C, unless
otherwise noted.
PSI Changes between High- and
Middle-State
Enable APS, low phase count = 1, IOUT = 20A
(2-phase running according to APS levels)
PSI Changes between High and Low
Enable APS, low phase count = 1, IOUT = 20A
(2-phase running according to APS levels)
CH4: PSI
1V/div.
CH1: PWM1
3V/div.
CH2: PWM2
3V/div.
CH3: PWM3
3V/div.
CH4: PSI
1V/div.
CH1: PWM1
3V/div.
CH2:
PWM2
3V/div.
CH3:
PWM3
3V/div.
50µs/div.
50µs/div.
OVP
VIN = 12V, VDD = 1V, OVP delay time = 0.5µs,
latch-off mode
UVP
VIN = 12V, VDD = 1V, UVP delay time = 400µs,
latch-off mode
CH4: VDD
300mV/div.
CH3:
CS1/os=1.23V
400mV/div.
CH1: PWM1
3V/div.
CH2: VPG
3V/div.
CH4: VDD
300mV/div.
CH3:
CS1/os=
1.23V
400mV/div.
CH1: PWM1
3V/div.
CH2: VPG
3V/div.
10µs/div.
500µs/div.
OCP
VIN = 12V, VDD = 1V, OCP threshold = 500A,
check time = 200µs, latch-off mode
OTP
VIN = 12V, VDD = 1V, TJ = (100°C/V) * VTEMP +
10°C, OTP threshold = 120°C, latch-off mode
CH4: VDD
400mV/div.
CH3:
Vlmon
(2.34mV/A)
500mV/div.
CH1: PWM1
3V/div.
CH2: VPG
3V/div.
CH4: VDD
400mV/div.
CH3:VTEMP
500mV/div.
CH1: PWM1
3V/div.
CH2: VPG
3V/div.
50µs/div.
5ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com