Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2886A Datasheet(PDF) 80 Page - Monolithic Power Systems

No. de pieza MP2886A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2886A Datasheet(HTML) 80 Page - Monolithic Power Systems

Back Button MP2886A Datasheet HTML 76Page - Monolithic Power Systems MP2886A Datasheet HTML 77Page - Monolithic Power Systems MP2886A Datasheet HTML 78Page - Monolithic Power Systems MP2886A Datasheet HTML 79Page - Monolithic Power Systems MP2886A Datasheet HTML 80Page - Monolithic Power Systems MP2886A Datasheet HTML 81Page - Monolithic Power Systems MP2886A Datasheet HTML 82Page - Monolithic Power Systems MP2886A Datasheet HTML 83Page - Monolithic Power Systems MP2886A Datasheet HTML 84Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
MP2886A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2886A Rev. 1.0
www.MonolithicPower.com
80
1/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
MFR_PWMVID_FLTR_CTRL1 (B1h)
This register sets the performance of the digital PWM-VID filters.
Command
MFR_PWMVID_FLTR_CTRL1
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Bits
Bit Name
Description
15:13
DVID_DOWN_START_
THRE
Threshold for the downward DVID starting indicator (DVID_TRIG_MODE = 0).
When VOUT is settled, the controller uses the output of the second-stage filter as
VO_REF. When the calculated VID_TARGET is less than the current VO_REF -
DVID_DOWN_START_THRE, the controller enters the downward DVID, and
VO_REF switches to the first-stage filter output.
DVID_DOWN_START_THRE must be greater than DVID_DOWN_END_THRE.
12:10
DVID_UP_START_
THRE
Threshold for the upward DVID starting indicator (DVID_TRIG_MODE = 0). When
VOUT is settled, the controller uses the output of the second-stage filter as VO_REF.
When the calculated VID_TARGET is greater than the current VO_REF +
DVID_UP_START_THRE, the controller enters the upward DVID, and VO_REF
switches to the output of the first-stage filter.
DVID_UP_START_THRE must be greater than DVID_UP_END_THRE.
9:7
DVID_DOWN_END_
THRE
Threshold for the downward DVID ending indicator. During the downward DVID,
the controller uses the output of the first-stage filter as VO_REF. When the current
VO_REF is less than the calculated VID_TARGET + DVID_DOWN_END_THRE,
this bit switches to the output of the second-stage filter
.
DVID_DOWN_START_THRE must be greater than DVID_DOWN_END_THRE.
6:2
FILT2_CHECK_TIME
Check time of the synchronizing function of the second-stage PWM-VID filter to
improve output voltage accuracy after DVID. 100µs/LSB.
The second-stage PWM-VID filter uses an internal hysteresis module to avoid jitter
on its output. When the output remains unchanged during this checking time, the
hysteresis module synchronizes its output with the input to eliminate small DC
errors.
1:0
SECOND_FIL_AVE
Averaging window of the second-stage PWM-VID filter.
00: average of 512 points
01: average of 1024 points
10: average of 2048 points
11: average of 4056 points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com