Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2886A Datasheet(PDF) 32 Page - Monolithic Power Systems

No. de pieza MP2886A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2886A Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2886A Datasheet HTML 28Page - Monolithic Power Systems MP2886A Datasheet HTML 29Page - Monolithic Power Systems MP2886A Datasheet HTML 30Page - Monolithic Power Systems MP2886A Datasheet HTML 31Page - Monolithic Power Systems MP2886A Datasheet HTML 32Page - Monolithic Power Systems MP2886A Datasheet HTML 33Page - Monolithic Power Systems MP2886A Datasheet HTML 34Page - Monolithic Power Systems MP2886A Datasheet HTML 35Page - Monolithic Power Systems MP2886A Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
MP2886A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2886A Rev. 1.0
www.MonolithicPower.com
32
1/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Table 8: Registers Related to Total Current
Report Rate
Register
MFR_SYS_CONFIG
(44h) Bit[3]
1’b0
1’b1
Output current (8Ch)
0.25A/LSB
0.5A/LSB
Output power (96h)
0.5W/LSB
1W/LSB
Input power (97h)
POUT_OP_WARN_LIMIT
(6Ah)
1W/LSB
2W/LSB
IOUT_OC_WARN_LIMIT
(4Ah)
1A/LSB
2A/LSB
MFR_APS_LEVLE
(E3h~E7h)
MFR_APS_HYS (E8h)
OCP_THRESHOLD (ECh)
IOUT_CAL_GAIN (38h)
Refer to register map
IOUT_CAL_OFFSET (39h)
Table 9: Registers Related to Phase Current
Report Rate
Register
MFR_SYS_CONFIG
(44h) Bit[4]
1’b0
1’b1
Phase current (73h~77h)
x1
x2
MFR_OCP_PHASE (EDh)
1A/LSB
2A/LSB
MFR_CUR_GAIN (C2h)
Refer to register map
MFR_CS_OFFSET
(4Ch~4Eh)
PMBus Write Protection
The MP2886A supports PMBus write protection
(WP) by entering a 16-bit password in register
MFR_USER_PWD (04h). Store the password to
the EEPROM, and after the power-on reset, no
register can be written via the PMBus until the
correct password is entered.
Note that if an incorrect password is entered, the
MP2886A disables the PMBus write function
until the VDD33 supply toggles.
The correct password can be entered only once.
If the password is sent more than once, correct
or incorrect, the MP2886A disables the PMBus
write function until the VDD33 supply toggles.
Set the register MFR_USER_PWD (04h) to
0x0000 if the password function is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com