Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2886A Datasheet(PDF) 28 Page - Monolithic Power Systems

No. de pieza MP2886A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2886A Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2886A Datasheet HTML 24Page - Monolithic Power Systems MP2886A Datasheet HTML 25Page - Monolithic Power Systems MP2886A Datasheet HTML 26Page - Monolithic Power Systems MP2886A Datasheet HTML 27Page - Monolithic Power Systems MP2886A Datasheet HTML 28Page - Monolithic Power Systems MP2886A Datasheet HTML 29Page - Monolithic Power Systems MP2886A Datasheet HTML 30Page - Monolithic Power Systems MP2886A Datasheet HTML 31Page - Monolithic Power Systems MP2886A Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
MP2886A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2886A Rev. 1.0
www.MonolithicPower.com
28
1/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Phase Number Configuration
The MP2886A can be configured to different
phase numbers via the PMBus register or by
CSx (see Table 4).
Table 4: Phase Number Configuration and
Activated PWM Pins
PHASE_CNT (E1h)
Activated PWM Pins
1
PWM1
2
PWM1~2
3
PWM1~3
4
PWM1~4
5
PWM1~5
6
PWM1~6
If PHASE_CNT is set to 0, the MP2886A
operates in 1-phase DCM.
Any unused PWM pin enters tri-state, and the
activated phases interleave automatically. Float
the unused PWM pins. For the Intelli-Phase, if
the PWM input is in Hi-Z, the SW node is in Hi-Z
as well.
If the CS pins are enabled to program the phase
number, the register setting in E1h is ignored.
Pull down the unused CS pins to ground. After
EN is pulled high, the MP2886A checks the
voltage on the CS pins sequentially from CS1 to
CS6 until it finds the first low voltage. Figure 15
shows an example of the connection for 3-phase
applications. The first low voltage is on CS4.
CS1
CS2
CS3
CS4
CS5
CS6
CSSUM
To Dr.Mos
GND
Figure 15: CS Pins Program to 3-Phase
Figure 16 shows the connection for 2-phase
applications in couple-inductor mode.
CS1
CS2
CS3
CS4
CS5
CS6
CSSUM
To Dr.Mos
To Dr.Mos
GND
Figure 16: CS Pins Configure for 2-Phase in
Couple-Inductor Mode
Couple-Inductor Mode
The MP2886A supports couple-inductor mode to
reduce the overshoot during load releasing.
Table 5 shows the relation of coupled phases.
Table 5: Coupled Phases Group Requirement
Couple Group
Phase Number
Phase 1, Phase 6
2-Ph
Figure 17 shows a connection example of 6-
phase couple-inductor application.
Vout
i1
i6
SW1
SW6
Figure 17: Couple Inductor Connection
The
MP2886A
supports
the
auto-phase-
shedding function for couple-inductor mode to
flatten the overall VR efficiency. When the phase
number drops to only one phase at light load,
PWM6 is pulled low simultaneously with PWM1
to let the coupled current from phase one flow
through the low-side MOSFET of phase six
instead of the bode diode of phase six to improve
the efficiency at light load (see Figure 18).
PWM1
PWM6
Tri-state
2 phase CCM shedding
to 1 phase CCM
Figure 18: Phase Shedding to 1-Phase CCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com