Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KC Datasheet(PDF) 57 Page - STMicroelectronics

No. de pieza STM32WL33KC
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KC Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32WL33KC Datasheet HTML 53Page - STMicroelectronics STM32WL33KC Datasheet HTML 54Page - STMicroelectronics STM32WL33KC Datasheet HTML 55Page - STMicroelectronics STM32WL33KC Datasheet HTML 56Page - STMicroelectronics STM32WL33KC Datasheet HTML 57Page - STMicroelectronics STM32WL33KC Datasheet HTML 58Page - STMicroelectronics STM32WL33KC Datasheet HTML 59Page - STMicroelectronics STM32WL33KC Datasheet HTML 60Page - STMicroelectronics STM32WL33KC Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
6.3.7.2
Harmonic emission at 433 MHz
Table 42. Harmonic emission at 433 MHz
Parameter
Test condition
10 dBm
16 dBm
Unit
H1
As detailed above
10
16
dBm
H2
As detailed above
-57
-44
H3
As detailed above
-44
-35
H4
As detailed above
-56
-56
H5
As detailed above
-63
-66
H6
As detailed above
-61
-66
H7
As detailed above
-53
-66
6.3.7.3
Harmonic emission at 868 MHz
Table 43. Harmonic emission at 868 MHz
Parameter
Test condition
10dBm
16dBm
20dBm
Unit
H1
As detailed above
10
16
20
dBm
H2
As detailed above
-59
-42
-34
H3
As detailed above
-60
-53
-43
H4
As detailed above
-62
-62
-68
H5
As detailed above
-60
-57
-52
H6
As detailed above
-61
-44
-38
H7
As detailed above
-62
-52
-68
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 57/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com