Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KC Datasheet(PDF) 86 Page - STMicroelectronics

No. de pieza STM32WL33KC
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KC Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32WL33KC Datasheet HTML 82Page - STMicroelectronics STM32WL33KC Datasheet HTML 83Page - STMicroelectronics STM32WL33KC Datasheet HTML 84Page - STMicroelectronics STM32WL33KC Datasheet HTML 85Page - STMicroelectronics STM32WL33KC Datasheet HTML 86Page - STMicroelectronics STM32WL33KC Datasheet HTML 87Page - STMicroelectronics STM32WL33KC Datasheet HTML 88Page - STMicroelectronics STM32WL33KC Datasheet HTML 89Page - STMicroelectronics STM32WL33KC Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
3.16.1
General Purpose timer (TIM2).............................................. 23
3.16.2
General purpose timer (TIM16) ............................................. 23
3.17
Independent watchdog (IWDG) .................................................. 24
3.18
Real-time clock (RTC) ......................................................... 24
3.19
Inter-integrated circuit interface (I2C) ............................................. 24
3.20
Universal synchronous/asynchronous receiver transmitter (USART) ................... 25
3.21
Low power universal asynchronous receiver transmitter (LPUART).................... 26
3.22
Serial peripheral interface (SPI/I2S) .............................................. 27
3.23
Liquid crystal display controller (LCD) ............................................ 28
3.24
Analog digital converter (ADC) .................................................. 29
3.24.1
Temperature sensor ..................................................... 29
3.25
Analog comparator (COMP) .................................................... 29
3.26
Digital to analog converter (DAC) ................................................ 30
3.27
LC sensor controller (LCSC) .................................................... 30
3.28
Debug support (DBG) .......................................................... 30
4
Pinouts and pin description.......................................................31
5
Application circuits ...............................................................36
6
Electrical characteristics..........................................................38
6.1
Parameter conditions .......................................................... 38
6.1.1
Minimum and maximum values............................................. 38
6.1.2
Typical values .......................................................... 38
6.2
Absolute maximum ratings...................................................... 39
6.3
Operating conditions........................................................... 40
6.3.1
Operating range ........................................................ 40
6.3.2
Thermal properties ...................................................... 40
6.3.3
Supply current characteristics .............................................. 41
6.3.4
RF general characteristics................................................. 44
6.3.5
RF receiver ............................................................ 46
6.3.6
RF transmitter .......................................................... 54
6.3.7
Harmonic emissions ..................................................... 55
6.3.8
Frequency synthesizer ................................................... 58
6.3.9
Low-power autonomous wake-up receiver .................................... 59
6.3.10
High-speed external clock ................................................. 61
6.3.11
Low speed external clock ................................................. 62
6.3.12
Low-speed internal ring oscillator ........................................... 64
6.3.13
Flash memory characteristics .............................................. 64
6.3.14
Electrostatic discharge (ESD) .............................................. 65
STM32WL33xx
Contents
DS14221 - Rev 5
page 86/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com