Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KC Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STM32WL33KC
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32WL33KC Datasheet HTML 7Page - STMicroelectronics STM32WL33KC Datasheet HTML 8Page - STMicroelectronics STM32WL33KC Datasheet HTML 9Page - STMicroelectronics STM32WL33KC Datasheet HTML 10Page - STMicroelectronics STM32WL33KC Datasheet HTML 11Page - STMicroelectronics STM32WL33KC Datasheet HTML 12Page - STMicroelectronics STM32WL33KC Datasheet HTML 13Page - STMicroelectronics STM32WL33KC Datasheet HTML 14Page - STMicroelectronics STM32WL33KC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Figure 4. Wake up radio block diagram
Interruptible Power
domain
Switchable
Registers
Always-on Power domain
Digital
Controller
interrupt
WakeUp radio IP
AHB2APB
IRQ
Wake-up event
Sleep allowance
AFE Interface
Retained
Registers
APB
Management
AFE Configuration
The Receiver uses the Manchester OOK modulation only (G.E.Thomas encoding).
The default data rate is 1 kbit/s for the raw data which gives 2 kbit/s after Manchester encoding.
The frame format is a specific frame as described below, with few configurable bit fields in order to expand the
use of the WakeUp Radio IP.
The specific frame is composed of:
•
a bit sync of 40 bits defined at ‘0’
•
a frame sync of 8 bits corresponding to the pattern 0x99
•
a payload of 56 bits
•
a CRC defined on 16 bits, and calculated on the payload only
Figure 5. LPAWUR frame format
bit sync
Frame
Sync
Payload
CRC
40 bits
0x0000000000
8 bits
0x99
56 bits
16 bits
Init : 0x0000
Polynom: 0x8005
(x16 + x15 + x2 + 1)
CRC calculation
Manchester encoding
The analog section of the receiver is equipped with an automatic gain control system (AGC) which senses the
input signal level and acts to avoid saturation.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 11/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com