Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KC Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza STM32WL33KC
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32WL33KC Datasheet HTML 16Page - STMicroelectronics STM32WL33KC Datasheet HTML 17Page - STMicroelectronics STM32WL33KC Datasheet HTML 18Page - STMicroelectronics STM32WL33KC Datasheet HTML 19Page - STMicroelectronics STM32WL33KC Datasheet HTML 20Page - STMicroelectronics STM32WL33KC Datasheet HTML 21Page - STMicroelectronics STM32WL33KC Datasheet HTML 22Page - STMicroelectronics STM32WL33KC Datasheet HTML 23Page - STMicroelectronics STM32WL33KC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
3.8.1
System clock details
The HSI and the PLL64M clocks are provided by the same analog block which can synthesize:
•
a non-accurate clock (target is 1% typical) when no external XO provides an input clock to this block
•
an accurate clock when the external XO provides the 48 MHz and once its internal PLL is locked.
The use of PLL64M or HSE as clock source is mandatory for sub-1 GHz radio operations (because a high
accuracy clock is needed).
This fast clock source is used to generate all the fast clock of the device through dividers as shown in Figure 8.
After reset, the CLK_SYS is divided by four to provide a 16 MHz to the whole system (CPU, DMA, memories, and
peripherals). Then the software can program another system clock frequency (CLK_SYS) in the following way
using the RCC_CFGR.CLKSYSDIV bits:
•
000: CLK_SYS is CLK_ROOT
•
001: CLK_SYS is CLK_ROOT/2
•
010: CLK_SYS is CLK_ROOT/4 (HSESEL = 0) or CLK_ROOT/3 (HSESEL = 1)
•
011: CLK_SYS is CLK_ROOT/8 (HSESEL = 0) or CLK_ROOT/6 (HSESEL = 1) (forbidden when radio is in
use)
•
100: CLK_SYS is CLK_ROOT/16 (HSESEL = 0) or CLK_ROOT/12 (HSESEL = 1) (forbidden when radio or
ADC is in use)
•
101: CLK_SYS is CLK_ROOT/32 (HSESEL = 0) or CLK_ROOT/24 (HSESEL = 1) (forbidden when radio or
ADC is in use)
•
110: CLK_SYS is CLK_ROOT/64 (HSESEL = 0) or CLK_ROOT/48 (HSESEL = 1) (forbidden when radio or
ADC is in use)
Forbidden configuration means that the “in use” feature cannot work if the system clock runs at this frequency.
Special care must be taken when programming the CLK_SYS as some constraints need to be respected:
CLK_SYS frequency must be greater or equal to CLK_MR_SUBGHz.
3.9
Boot mode
Following CPU boot, the application software can modify the memory map at address 0x0000 0000. This
modification is performed by programming the REMAP bit in the flash controller. The following memory can be
remapped:
•
main flash memory SRAM0 memory
The STM32WL33xx SOC has a pre-programmed bootloader supporting USART protocol with automatic baud rate
detection. The main features of the embedded bootloader are:
•
auto baud rate detection up to 1 Mbps
•
flash mass erase, section erase
•
flash programming
•
flash readout protection enable/disable
The pre-programmed bootloader is an application, which is stored in the STM32WL33xx internal ROM at
manufacturing time by STMicroelectronics. This application allows upgrading the device flash memory with a user
application using a serial communication channel (USART).
The bootloader is activated by hardware by forcing PA10 high during hardware reset, otherwise, application
residing in flash memory is launched.
STMicroelectronics provides a boot loader executed after each CPU reboot. This boot loader has its own
documentation.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 20/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com