Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KC Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32WL33KC
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KC Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WL33KC Datasheet HTML 1Page - STMicroelectronics STM32WL33KC Datasheet HTML 2Page - STMicroelectronics STM32WL33KC Datasheet HTML 3Page - STMicroelectronics STM32WL33KC Datasheet HTML 4Page - STMicroelectronics STM32WL33KC Datasheet HTML 5Page - STMicroelectronics STM32WL33KC Datasheet HTML 6Page - STMicroelectronics STM32WL33KC Datasheet HTML 7Page - STMicroelectronics STM32WL33KC Datasheet HTML 8Page - STMicroelectronics STM32WL33KC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
•
Ultra-low power architecture
–
Dynamic current consumption: 21 µA/MHz
–
14 nA in Shutdown mode
–
960 nA in Deepstop mode
–
Radio only consumption:
◦
4 mA in RX
◦
8 mA in TX @ +10 dBm
◦
78 mA in TX @ +20 dBm
–
Consumption: 1.3 mA current in WFI conditions (direct HSE mode)
–
Wakeup capability from both Deepstop and Shutdown modes
•
Peripherals and analog front-end
–
LCD driver with up to 96 (12x8) or 64 (16x4) matrix elements
–
12-bit ADC: up to 1 Msample/s with 8 single ended channels (or 4 differentials)
–
1x comparator
–
1x 6-bit sample-and-hold DAC output
–
1x LC sensor controller (for autonomous rotary-wheel based flow metering)
–
Battery voltage monitoring with low-level detection
–
Temperature monitoring
•
Communication interfaces
–
Up to 32 GPIOs (VFQFPN48), all with retention capability
–
Up to 17 GPIOs (VFQFPN32), all with retention capability
–
1x USART. Supports of LIN, Smartcard Protocol, IrDA, SIR ENDEC specifications, and modem
operations (CTS/RTS)
–
1x LPUART (available also in low-power mode), with wakeup capability
–
1x SPI
–
1x SPI with I2S interface multiplexed
–
2x I2C (SMBus/PMBus)
–
1x DMA 8 channels controller, supporting ADC, DAC, SPIs, I2Cs, USART, LPUART, timers, AES
•
Clock sources and timers
–
Flexible clocking scheme, featuring:
◦
64 MHz (HSI or PLL)
◦
Fail-safe 48 MHz crystal oscillator (HSE), with integrated trimming capacitors
◦
32 kHz crystal oscillator (LSE)
◦
Integrated low-power 32 kHz RC (LSI)
–
1x 16-bits, four channels general purpose timer
–
1x 16-bits, two channels general purpose timer
–
1x RTC
–
1x independent watchdog
–
Radio timer with wakeup capability
•
Security
–
Secure bootloader with SWD disabling
–
AES-128 co-processor and 16-bit TRNG
–
Embedded UART bootloader with selectable write and read-out protection
•
Operating range and reset
–
Ultra-low-power power-on-reset (POR) and power-down-reset (PDR)
–
Programmable voltage detector (PVD)
–
Supply voltage: from 1.7 to 3.6 V
–
Temperature range: -40 ºC to 105 ºC
•
All packages are ECOPACK2 compliant
STM32WL33xx
DS14221 - Rev 5
page 2/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com