Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KC Datasheet(PDF) 90 Page - STMicroelectronics

No. de pieza STM32WL33KC
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KC Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32WL33KC Datasheet HTML 83Page - STMicroelectronics STM32WL33KC Datasheet HTML 84Page - STMicroelectronics STM32WL33KC Datasheet HTML 85Page - STMicroelectronics STM32WL33KC Datasheet HTML 86Page - STMicroelectronics STM32WL33KC Datasheet HTML 87Page - STMicroelectronics STM32WL33KC Datasheet HTML 88Page - STMicroelectronics STM32WL33KC Datasheet HTML 89Page - STMicroelectronics STM32WL33KC Datasheet HTML 90Page - STMicroelectronics STM32WL33KC Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 6
Figure 2.
STM32WL33xx system architecture ..................................................... 7
Figure 3.
Sub-1GHz IP block diagram .......................................................... 10
Figure 4.
Wake up radio block diagram ......................................................... 11
Figure 5.
LPAWUR frame format ............................................................. 11
Figure 6.
Power supply configuration .......................................................... 13
Figure 7.
Power supply domains overview ....................................................... 14
Figure 8.
Fast clock tree generation ........................................................... 19
Figure 9.
Pinout top view (QFN32 package - 5 mm x 5 mm)........................................... 31
Figure 10.
Pinout top view (VFQFPN48 package - 6 mm x 6 mm)........................................ 31
Figure 11.
STM32WL33xx application circuit without SMPS, VFQFPN48 package ............................ 36
Figure 12.
STM32WL33xx application circuit with SMPS, VFQFPN48 package .............................. 37
Figure 13.
Typical application with a 32.768 kHz crystal .............................................. 63
Figure 14.
Low-speed external clocksource AC timing diagram ......................................... 63
Figure 15.
Recommended RSTN pin protection .................................................... 67
Figure 16.
SPI timing diagram - slave mode and CPHA = 0 ............................................ 71
Figure 17.
SPI timing diagram - slave mode and CPHA = 1 ............................................ 72
Figure 18.
SPI timing diagram - master mode ..................................................... 72
Figure 19.
VFQFPN48 - Outline ............................................................... 76
Figure 20.
VFQFPN48- Footprint example........................................................ 79
Figure 21.
VFQFPN32 - Outline ............................................................... 80
Figure 22.
VFQFPN32 - Footprint example ....................................................... 81
STM32WL33xx
List of figures
DS14221 - Rev 5
page 90/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com