Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KC Datasheet(PDF) 68 Page - STMicroelectronics

No. de pieza STM32WL33KC
Descripción Electrónicos  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33KC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32WL33KC Datasheet HTML 64Page - STMicroelectronics STM32WL33KC Datasheet HTML 65Page - STMicroelectronics STM32WL33KC Datasheet HTML 66Page - STMicroelectronics STM32WL33KC Datasheet HTML 67Page - STMicroelectronics STM32WL33KC Datasheet HTML 68Page - STMicroelectronics STM32WL33KC Datasheet HTML 69Page - STMicroelectronics STM32WL33KC Datasheet HTML 70Page - STMicroelectronics STM32WL33KC Datasheet HTML 71Page - STMicroelectronics STM32WL33KC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
6.3.17
ADC characteristics
Table 59. ADC characteristics (HSI must be set to PLL mode)
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
Channels Diff
Number of channels for
differential mode
VFQFPN48 , VFQFPN32
-
-
4
-
Channels SE
Number of channels for
single ended mode
VFQFPN48 , VFQFPN32
-
-
8
-
IBATADCBIAS
ADC biasing
consumption at battery
Biasing blocks turned on
-
145
-
µA
IBATADCACTIVE
ADC active consumption
at battery
ADC activated in differential mode
-
185
-
µA
RAIN
Input impedance
In DC
-
250
-
kΩ
Rin
Internal access
resistance
VBOOST is enabled for VBAT < 2.7 V
-
-
550
Ω
Cin
Input sampling capacitor -
-
4
-
pF
Ts
Sampling period
Default config
-
1
-
µs
Tsw
Sampling time
Default config
-
125
-
ns
DR
Output data rate
-
-
200
-
ksamples/s
FRMToutput
Output data format
-
-
16
-
bits
TL
Latency time
200 ks/s
-
5
-
µs
TsTARTUP
Start up time
From ADC Enable to conversion start
-
-
1
µs
DNL
Differential non -linearity -
-
+/-0.7
-
LSB
INL
Integral non-linearity
-
-
+/-1
-
LSB
SNR Diff
Signal to noise ratio
Differential input
@1 kHz, -1 dBFs, Fs = 800 kHz,
DS=4
-
72
-
dB
STHD Diff
Signal to THD ratio (10
harmonics)
Differential input
@1 kHz, -1 dBFs, Fs = 800 kHz,
DS=4
-
75
-
dB
ENOB Diff
Effective number of bits
Differential input
@1 kHz, -1 dBFs, Fs = 800 kHz,
DS=4
-
11.5
-
bits
SNR SE
Signal to noise ratio
Single ended
@1 kHz, -1 dBFs, Fs = 800 kHz,
DS=4
-
70
-
dB
STHD SE
Signal to THD ratio (10
harmonics)
Single ended
@1 kHz, -1 dBFs, Fs = 800 kHz,
DS=4
-
70
-
dB
ENOB SE
Effective number of bits
Single ended
@1 kHz, -1 dBFs, Fs = 800 kHz,
DS=4
-
11
-
bits
ADC ERROR
ADC_ERR_1V7
Absolute error when used for battery
measurement at 1.7 V, 2.4 V, 3.0 V,
3.6 V
-
13
-
mV
ADC_ERR_2V4
-
0
-
mV
ADC_ERR_3V0
-
-9
-
mV
ADC_ERR_3V6
-
-22
-
mV
STM32WL33xx
Electrical characteristics
DS14221 - Rev 5
page 68/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com