Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN610SP-E Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza VN610SP-E
Descripción Electrónicos  Single channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 5 Page - STMicroelectronics

  VN610SP-E Datasheet HTML 1Page - STMicroelectronics VN610SP-E Datasheet HTML 2Page - STMicroelectronics VN610SP-E Datasheet HTML 3Page - STMicroelectronics VN610SP-E Datasheet HTML 4Page - STMicroelectronics VN610SP-E Datasheet HTML 5Page - STMicroelectronics VN610SP-E Datasheet HTML 6Page - STMicroelectronics VN610SP-E Datasheet HTML 7Page - STMicroelectronics VN610SP-E Datasheet HTML 8Page - STMicroelectronics VN610SP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
VN610SP-E
Block diagram and pin description
Doc ID 10889 Rev 5
5/27
1
Block diagram and pin description
Figure 1.
Block diagram
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and not connected pins
Connection / pin
Current sense
N.C.
Output
Input
Floating
X
X
X
To ground
Through 1 K
Ω
resistor
X
Through 10 K
Ω
resistor
LOGIC
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP.
ILIM
PwCLAMP
K
IOUT
GND
INPUT
VCC
OUTPUT
CURRENT
SENSE
DRIVER
VCC
CLAMP
VDSLIM
1
2
3
4
5
6
7
8
9
10
11
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
GROUND
INPUT
C. SENSE
N.C.
N.C.
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com