Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN610SP-E Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza VN610SP-E
Descripción Electrónicos  Single channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN610SP-E Datasheet HTML 4Page - STMicroelectronics VN610SP-E Datasheet HTML 5Page - STMicroelectronics VN610SP-E Datasheet HTML 6Page - STMicroelectronics VN610SP-E Datasheet HTML 7Page - STMicroelectronics VN610SP-E Datasheet HTML 8Page - STMicroelectronics VN610SP-E Datasheet HTML 9Page - STMicroelectronics VN610SP-E Datasheet HTML 10Page - STMicroelectronics VN610SP-E Datasheet HTML 11Page - STMicroelectronics VN610SP-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
VN610SP-E
8/27
Doc ID 10889 Rev 5
2.3
Electrical characteristics
Values specified in this section are for 8V < VCC < 36V; -40°C < Tj < 150°C, unless
otherwise stated. Per each channel.
Table 5.
Power
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VCC
Operating supply
voltage
5.5
13
36
V
VUSD
Undervoltage shutdown
3
4
5.5
V
VOV
Overvoltage shutdown
See (1)
36
V
RON
On-state resistance
IOUT = 15A; Tj = 25°C
IOUT = 15A; Tj = 150°C
IOUT = 9A; VCC = 6V
10
20
35
m
Ω
m
Ω
m
Ω
Vclamp
Clamp voltage
ICC = 20mA
(1)
1.
Vclamp and VOV are correlated. Typical difference is 5V.
41
48
55
V
IS
Supply current
Off-state; VCC=13V; VIN=VOUT=0V
Off-state; VCC=13V; VIN=VOUT=0V;
Tj=25°C
On-state; VIN = 5V; VCC = 13V;
IOUT = 0A; RSENSE = 3.9kΩ
10
10
25
20
5
µA
µA
mA
IL(off1)
Off-state output current
VIN = VOUT = 0V
0
50
µA
IL(off2)
Off-state output current
VIN = 0V; VOUT = 3.5V
-75
0
µA
IL(off3)
Off-state output current
VIN = VOUT=0V; VCC=13V;
Tj =125°C
5µA
IL(off4)
Off-state output current
VIN =VOUT = 0V; VCC = 13V;
Tj = 25°C
3µA
Table 6.
Protections(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ilim
DC short circuit current
VCC = 13V;
5.5V < VCC < 36V
45
75
120
120
A
A
TTSD
Thermal shutdown
temperature
150
175
200
°C
TR
Thermal reset
temperature
135
°C
THYST
Thermal hysteresis
7
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com