Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN610SP-E Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza VN610SP-E
Descripción Electrónicos  Single channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN610SP-E Datasheet HTML 1Page - STMicroelectronics VN610SP-E Datasheet HTML 2Page - STMicroelectronics VN610SP-E Datasheet HTML 3Page - STMicroelectronics VN610SP-E Datasheet HTML 4Page - STMicroelectronics VN610SP-E Datasheet HTML 5Page - STMicroelectronics VN610SP-E Datasheet HTML 6Page - STMicroelectronics VN610SP-E Datasheet HTML 7Page - STMicroelectronics VN610SP-E Datasheet HTML 8Page - STMicroelectronics VN610SP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2013
Doc ID 10889 Rev 5
1/27
1
VN610SP-E
Single channel high-side driver
Features
ECOPACK®: lead free and RoHS compliant
Automotive Grade: compliance with AEC
guidelines
Output current: 45 A
CMOS compatible inputs
Proportional load current sense
Undervoltage and overvoltage shutdown
Overvoltage clamp
Thermal shutdown
Current limitation
Very low standby power consumption
Protection against loss of ground and loss of
VCC
Reverse battery protected
In compliance with the 2002/95/EC european
directive
Description
The VN610SP-E is a monolithic device made
using STMicroelectronics™ VIPower™ M0-3
technology. It is intended for driving resistive or
inductive loads with one side connected to
ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility table). This device integrates an
analog current sense which delivers a current
proportional to the load current (according to a
known ratio).
Active current limitation combined with thermal
shutdown and automatic restart protect the device
against overload. Device automatically turns off in
case of ground pin disconnection.
Type
RDS(on)
IOUT
VCC
VN610SP-E
10m
Ω
45 A
36V
PowerSO-10
1
10
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-10™
VN610SP-E
VN610SPTR-E
www.st.com


Número de pieza similar - VN610SP-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
186Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Oct-2004
More results

Descripción similar - VN610SP-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
Single channel high side driver for automotive applications
13-Sep-2007
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
186Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VN5025AJ-E STMICROELECTRONICS-VN5025AJ-E Datasheet
526Kb / 31P
Single channel high side driver with analog sense
12-Feb-2008
VN920PEP-E STMICROELECTRONICS-VN920PEP-E Datasheet
427Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Mar-2005
logo
Texas Instruments
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
logo
STMicroelectronics
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
Single channel high side driver for automotive applications
20-Sep-2013
VN920-12-E STMICROELECTRONICS-VN920-12-E Datasheet
1Mb / 23P
Single-channel high side driver
20-Sep-2013
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com