Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN610SP-E Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza VN610SP-E
Descripción Electrónicos  Single channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN610SP-E Datasheet HTML 2Page - STMicroelectronics VN610SP-E Datasheet HTML 3Page - STMicroelectronics VN610SP-E Datasheet HTML 4Page - STMicroelectronics VN610SP-E Datasheet HTML 5Page - STMicroelectronics VN610SP-E Datasheet HTML 6Page - STMicroelectronics VN610SP-E Datasheet HTML 7Page - STMicroelectronics VN610SP-E Datasheet HTML 8Page - STMicroelectronics VN610SP-E Datasheet HTML 9Page - STMicroelectronics VN610SP-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical specifications
VN610SP-E
6/27
Doc ID 10889 Rev 5
2
Electrical specifications
Figure 3.
Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality document.
IS
IGND
VCC
VCC
VSENSE
OUTPUT
IOUT
CURRENT SENSE
ISENSE
INPUT
IIN
VIN
VOUT
GND
VF
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
- 0.3
V
-IGND
DC reverse ground pin current
- 200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
- 50
A
IIN
DC input current
+/- 10
mA
VCSENSE Current sense maximum voltage
- 3
+ 15
V
V
VESD
Electrostatic discharge (human body model: R = 1.5K
Ω;
C = 100pF)
– INPUT
– CURRENT SENSE
– OUTPUT
–VCC
4000
2000
5000
5000
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com