Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN610SP-E Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza VN610SP-E
Descripción Electrónicos  Single channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN610SP-E Datasheet HTML 5Page - STMicroelectronics VN610SP-E Datasheet HTML 6Page - STMicroelectronics VN610SP-E Datasheet HTML 7Page - STMicroelectronics VN610SP-E Datasheet HTML 8Page - STMicroelectronics VN610SP-E Datasheet HTML 9Page - STMicroelectronics VN610SP-E Datasheet HTML 10Page - STMicroelectronics VN610SP-E Datasheet HTML 11Page - STMicroelectronics VN610SP-E Datasheet HTML 12Page - STMicroelectronics VN610SP-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
VN610SP-E
Electrical specifications
Doc ID 10889 Rev 5
9/27
Vdemag
Turn-off output voltage
clamp
IOUT = 2A; VIN = 0V; L = 6mH VCC-41 VCC-48 VCC-55
V
VON
Output voltage drop
limitation
IOUT = 1.5A
Tj = -40°C...+150°C
50
mV
1.
To ensure long term reliability under heavy over-load or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Table 7.
VCC - output diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on voltage
- IOUT = 8A; Tj = 150°C
-
-
0.6
V
Table 8.
Current sense (9 V
≤ VCC ≤ 16 V)(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K1
IOUT/ISENSE
IOUT = 1.5A; VSENSE = 0.5V;
Tj = -40°C...150°C
3300
4400
6000
dK1/K1
Current sense ratio drift
IOUT = 1.5A; VSENSE = 0.5V;
Tj= - 40°C...150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT = 15A; VSENSE = 4V;
Tj = - 40°C
Tj= 25°C...150°C
4200
4400
4900
4900
6000
5750
dK2/K2
Current sense ratio drift
IOUT = 15A; VSENSE = 4V;
Tj = 25°C...150°C
-6
+6
%
K3
IOUT/ISENSE
IOUT = 45A; VSENSE = 4V;
Tj = -40°C
Tj = 25°C...150°C
4200
4400
4900
4900
5500
5250
dK3/K3
Current sense ratio drift
IOUT = 45A; VSENSE = 4V;
Tj = 25°C...150°C
-6
+6
%
ISENSE0
Analog sense current
VCC = 6...16V; IOUT = 0A;
VSENSE = 0V;
Tj = -40°C...150°C
Off-state; VIN = 0V
On-state; VIN = 5V
0
0
5
10
µA
µA
VSENSE
Max analog sense
output voltage
VCC = 5.5V; IOUT = 7.5A;
RSENSE = 10kΩ
VCC > 8V, IOUT = 15A;
RSENSE = 10kΩ
3.5
5
V
V
VSENSEH
Analog sense output
voltage in
overtemperature
condition
VCC = 13V; RSENSE = 3.9kΩ
5.5
V
Table 6.
Protections(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com