Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN610SP-E Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza VN610SP-E
Descripción Electrónicos  Single channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN610SP-E Datasheet HTML 6Page - STMicroelectronics VN610SP-E Datasheet HTML 7Page - STMicroelectronics VN610SP-E Datasheet HTML 8Page - STMicroelectronics VN610SP-E Datasheet HTML 9Page - STMicroelectronics VN610SP-E Datasheet HTML 10Page - STMicroelectronics VN610SP-E Datasheet HTML 11Page - STMicroelectronics VN610SP-E Datasheet HTML 12Page - STMicroelectronics VN610SP-E Datasheet HTML 13Page - STMicroelectronics VN610SP-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical specifications
VN610SP-E
10/27
Doc ID 10889 Rev 5
RVSENSEH
Analog sense output
impedance in
overtemperature
condition
VCC = 13V; Tj > TTSD; Output
open
400
Ω
tDSENSE
Current sense delay
response
To 90% ISENSE
(2)
500
µs
1.
See Figure 4.
2.
Current sense signal delay after positive input slope.
Table 9.
Switching (VCC = 13 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL= 0.87Ω
-50
-
µs
td(off)
Turn-on delay time
RL = 0.87Ω
-50
-
µs
(dVOUT/dt)on Turn-on voltage slope RL = 0.87Ω
-
See
Figure 15
-V
/µs
(dVOUT/dt)off Turn-off voltage slope RL = 0.87Ω
-
See
Figure 16
-V
/µs
Table 10.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
1.25
V
IIL
Low level input current
VIN = 1.25V
1
µA
VIH
Input high level voltage
3.25
V
IIH
High level input current
VIN = 3.25V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN = 1mA
IIN = - 1mA
66.8
- 0.7
8V
V
Table 8.
Current sense (9 V
≤ VCC ≤ 16 V)(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com