Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN610SP-E Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza VN610SP-E
Descripción Electrónicos  Single channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VN610SP-E Datasheet HTML 16Page - STMicroelectronics VN610SP-E Datasheet HTML 17Page - STMicroelectronics VN610SP-E Datasheet HTML 18Page - STMicroelectronics VN610SP-E Datasheet HTML 19Page - STMicroelectronics VN610SP-E Datasheet HTML 20Page - STMicroelectronics VN610SP-E Datasheet HTML 21Page - STMicroelectronics VN610SP-E Datasheet HTML 22Page - STMicroelectronics VN610SP-E Datasheet HTML 23Page - STMicroelectronics VN610SP-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Package and PCB thermal data
VN610SP-E
20/27
Doc ID 10889 Rev 5
4
Package and PCB thermal data
4.1
PowerSO-10 thermal data
Figure 21.
PowerSO-10 PC board(1)
1.
Layout condition of Rth and Zth measurements (PCB FR4 area = 58mm x 58mm, PCB thickness = 2mm,
Cu thickness = 35µm, Copper areas: from minimum pad-lay-out to 8cm2).
Figure 22.
Rthj-amb vs PCB copper area in open box free air condition
30
35
40
45
50
55
02
4
6
8
10
PCB Cu heatsink area (cm^2)
RTHj_amb (°C/W)
Tj-Tamb=50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com