Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 118 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 121Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
118/185
DS14736 Rev 1
IDD(Stop 0)
Supply current in Stop 0 mode,
no retention
SMPS Range 2
1.8 V
18.50
39.49
99.22
µA
2.4 V
15.71
32.16
78.61
3.0 V
14.31
28.12
67.27
3.3 V
14.13
27.12
63.82
3.6 V
14.51
27.32
63.45
Supply current in Stop 0 mode,
all retention (SRAM1 448K +
SRAM2 64K + PKA + OTG +
ICACHE)
1.8 V
22.87
48.51
122.04
2.4 V
19.09
39.12
96.32
3.0 V
17.10
33.88
81.97
3.3 V
16.70
32.44
77.41
3.6 V
16.95
32.40
76.67
IDD(Stop 0)
Supply current in Stop 0 mode,
SRAM2 retained
SMPS Range 2
1.8 V
19.12
40.97
103.27
µA
2.4 V
16.21
33.27
81.65
3.0 V
14.73
29.03
69.61
3.3 V
14.47
27.89
66.01
3.6 V
14.79
27.99
65.15
Supply current in Stop 0 mode,
ICACHE retained
1.8 V
18.59
39.70
99.85
2.4 V
15.77
32.25
79.03
3.0 V
14.38
28.18
67.41
3.3 V
14.15
27.14
63.92
3.6 V
14.48
27.19
62.92
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 50. Current consumption in Stop 0 mode(1) (continued)
Symbol
Parameter
Conditions
Typ
Unit
--
VDD
25 °C
55 °C
85 °C
Table 51. Current consumption in Stop 1 mode(1)
Symbol
Parameter
Conditions
Typ
Unit
--
VDD
25 °C
55 °C
85 °C
IDD(Stop 1)
Supply current in Stop 1 mode,
no retention, ULPMEN = 1
LDO
Range 2
1.8 V
21.73
50.79
148.67
µA
2.4 V
21.60
53.05
149.17
3.0 V
25.26
56.39
149.52
3.3 V
24.61
54.57
153.74
3.6 V
27.53
59.56
169.09
Supply current in Stop 1 mode,
all retention (SRAM1 448K +
SRAM2 64K + PKA + OTG +
ICACHE), ULPMEN = 1
1.8 V
27.12
72.08
186.31
2.4 V
27.02
66.50
187.44
3.0 V
31.58
69.19
187.26
3.3 V
30.58
64.83
190.94
3.6 V
34.17
83.43
207.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com