Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 122 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 121Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 122Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 123Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 124Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 125Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
122/185
DS14736 Rev 1
IDD(Standby
with
retention)
Supply current in Standby
retention mode,
Radio retained,
ULPMEN = 1
LDO
-
1.8 V
1.37
2.86
7.51
μA
2.4 V
1.49
2.97
7.64
3.0 V
1.60
3.33
8.38
3.3 V
1.37
3.85
9.31
3.6 V
3.15
5.03
10.30
Supply current in Standby
retention mode,
all retention (SRAM1 448K +
SRAM2 64K + Radio),
ULPMEN = 1
SMPS
1.8 V
5.13
10.30
26.30
μA
2.4 V
4.03
8.17
20.70
3.0 V
3.45
7.07
17.70
3.3 V
3.42
6.98
17.10
3.6 V
3.81
7.58
16.70
Supply current in Standby
retention mode,
SRAM2 retained,
ULPMEN = 1
1.8 V
1.32
2.96
8.17
2.4 V
1.09
2.44
6.72
3.0 V
1.01
2.30
6.27
3.3 V
1.15
2.52
6.51
3.6 V
1.64
3.25
7.18
IDD(Standby
with
retention)
Supply current in Standby
retention mode,
Radio retained,
ULPMEN = 1
SMPS
-
1.8 V
0.78
1.77
4.99
μA
2.4 V
0.67
1.52
4.29
3.0 V
0.67
1.54
4.28
3.3 V
0.83
1.79
4.67
3.6 V
1.33
2.56
5.52
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 53. Current consumption in Standby retention mode(1) (continued)
Symbol
Parameter
Conditions
Typ
-
-
Unit
-
-
VDD
25 °C
55 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com