Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 120 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 121Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 122Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 123Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
120/185
DS14736 Rev 1
Table 52. Current consumption in Stop 2 mode(1)
Symbol
Parameter
Conditions
Typ
Unit
--
VDD
25 °C
55 °C
85 °C
IDD(Stop 2)
Supply current in Stop 2 mode,
no retention, ULPMEN = 1
LDO
Range 2
1.8 V
11.82
29.04
84.36
µA
2.4 V
12.20
30.14
83.97
3.0 V
12.04
29.13
86.31
3.3 V
18.81
31.69
86.12
3.6 V
19.85
34.61
95.24
Supply current in Stop 2 mode,
all retention (SRAM1 448K +
SRAM2 64K + PKA + OTG +
ICACHE), ULPMEN = 1
1.8 V
16.74
41.66
122.71
2.4 V
18.04
43.72
122.23
3.0 V
17.97
41.69
122.67
3.3 V
28.29
45.21
126.68
3.6 V
30.02
48.88
137.34
IDD(Stop 2)
Supply current in Stop 2 mode,
SRAM2 retained, ULPMEN = 1
LDO
Range 2
1.8 V
12.06
30.77
88.19
µA
2.4 V
12.99
32.30
88.94
3.0 V
12.96
31.22
94.36
3.3 V
19.76
34.28
91.81
3.6 V
20.93
36.15
99.79
Supply current in Stop 2 mode,
ICACHE retained, ULPMEN = 1
1.8 V
11.95
29.37
83.93
2.4 V
12.23
30.64
87.08
3.0 V
12.18
29.38
86.93
3.3 V
18.44
31.79
87.29
3.6 V
19.52
33.91
91.42
IDD(Stop 2)
Supply current in Stop 2 mode,
no retention, ULPMEN = 1
SMPS Range 2
1.8 V
7.58
19.23
52.90
µA
2.4 V
5.95
15.04
41.55
3.0 V
5.05
12.81
35.38
3.3 V
4.92
12.36
33.72
3.6 V
5.21
12.67
33.89
Supply current in Stop 2 mode,
all retention (SRAM1 448K +
SRAM2 64K + PKA + OTG +
ICACHE), ULPMEN = 1
1.8 V
12.04
28.77
78.14
2.4 V
9.42
22.42
61.04
3.0 V
7.92
18.94
51.51
3.3 V
7.58
18.04
48.63
3.6 V
7.72
18.09
48.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com