Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CIF6TR Datasheet(PDF) 119 Page - STMicroelectronics

No. de pieza STM32WBA63CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CIF6TR Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32WBA63CIF6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 121Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 122Page - STMicroelectronics STM32WBA63CIF6TR Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 185 page
background image
DS14736 Rev 1
119/185
STM32WBA6xxx
Electrical characteristics
169
IDD(Stop 1)
Supply current in Stop 1 mode,
SRAM2 retained, ULPMEN = 1
LDO
Range 2
1.8 V
22.47
52.61
155.42
µA
2.4 V
22.44
54.77
156.54
3.0 V
26.02
58.33
154.75
3.3 V
25.25
56.29
161.01
3.6 V
27.79
60.21
169.43
Supply current in Stop 1 mode,
ICACHE retained, ULPMEN = 1
1.8 V
21.81
51.00
149.93
2.4 V
21.73
53.23
149.85
3.0 V
25.19
56.60
150.62
3.3 V
24.42
54.46
157.61
3.6 V
26.81
57.99
160.97
IDD(Stop 1)
Supply current in Stop 1 mode,
no retention, ULPMEN = 1
SMPS Range 2
1.8 V
14.66
35.49
95.59
µA
2.4 V
11.49
27.76
74.84
3.0 V
9.70
23.40
62.85
3.3 V
9.28
22.19
59.31
3.6 V
9.36
22.06
58.23
Supply current in Stop 1 mode,
all retention (SRAM1 448K +
SRAM2 64K + PKA + OTG +
ICACHE), ULPMEN = 1
1.8 V
19.05
44.58
118.90
2.4 V
14.89
34.73
92.93
3.0 V
12.53
29.23
77.92
3.3 V
11.90
27.62
73.27
3.6 V
11.83
27.17
71.64
IDD(Stop 1)
Supply current in Stop 1 mode,
SRAM2 retained, ULPMEN = 1
SMPS Range 2
1.8 V
15.28
37.00
99.57
µA
2.4 V
12.00
28.86
77.88
3.0 V
10.13
24.32
65.41
3.3 V
9.67
23.05
61.69
3.6 V
9.72
22.83
60.27
Supply current in Stop 1 mode,
ICACHE retained, ULPMEN = 1
1.8 V
14.72
35.73
96.07
2.4 V
11.59
27.87
75.11
3.0 V
9.78
23.52
63.13
3.3 V
9.33
22.29
59.53
3.6 V
9.38
22.04
58.17
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 51. Current consumption in Stop 1 mode(1) (continued)
Symbol
Parameter
Conditions
Typ
Unit
--
VDD
25 °C
55 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com