Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGS2000 Datasheet(PDF) 6 Page - TOKYO KEISO CO.,LTD.

No. de pieza EGS2000
Descripción Electrónicos  EGS2000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEISO [TOKYO KEISO CO.,LTD.]
Página de inicio  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGS2000 Datasheet(HTML) 6 Page - TOKYO KEISO CO.,LTD.

  EGS2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAGMAX® Electromagnetic Flowmeter EGS2000
6
TOKYO KEISO CO., LTD.
TG-F1041-5E
MODEL AND SPECIFICATION CODE
● Nominal size : 25 to 150 mm
Model : EGS2000
Primary head
Spec. code
V
Primary head code
Nominal size
(Fixed code)
N1 4
VN 1 4
4
4
10 0
0
0
4
6
7
8
A
B
C
D
0
02000000
Standard
Flange type
always 4
25 mm
40 mm
50 mm
65 mm
80 mm
100 mm
125 mm
150 mm
DIN PN16
DIN PN25
DIN PN40
ASME class 150
ASME class 300
JIS 20K
JIS 10K (For size 50 mm or more) *1
Others
always 0
Aluminum alloy / 1/2 NPT female thread
Aluminum alloy / 1/2 G female thread
Aluminum alloy / M20 with watertight glands
Others
Separate type
Polypropylene
Hard rubber
Stainless steel (SS316)
Hastelloy® C22
Fixed mounting
Carbon steel / Carbon steel *4
Carbon steel / Stainless steel (SS316L)
IP66/67
IP68
always 00
Standard calibration
None
Stainless steel (SS316) *2
Others *2
always 02000000
None
Involved *3
Flange
(Fixed code)
3
4
5
A
B
M
N
9
0
Terminal box / Cable entry
4
5
6
9
Type
Liner
Electrode material
0
T
5
1
3
Construction of electrode
1
1
3
Primary head housing / Flange material
Earth ring
Protection class
(Fixed code)
Calibration
0
1
0
0
0
0
1
9
(Fixed code)
Special feature
02000000
(Blank)
/Z
*1 JIS20K flange is provided for nominal size 25 and 40 mm as standard.
(Installation dimensions of JIS20K flange are equal to JIS10K except the flange thickness.)
Select JIS20K flange (Code:M) for size 25 or 40 mm.
*2 The earth rings are to be installed between primary head and connection flanges on installation.
(Refer to the remarks for "DIMENSIONS" table)
*3 Add code "/Z" to a series of above mentioned codes with explanation for the other requirements not mentioned above code table.
Do not hesitate to consult TOKYO KEISO Co., Ltd. before ordering for such requirements.
*4 When the size is 25 to 40mm and the wetted part lining is hard rubber, the material of primary head housing become cast duplex stainless steel.
Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com