Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGS2000 Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

No. de pieza EGS2000
Descripción Electrónicos  EGS2000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEISO [TOKYO KEISO CO.,LTD.]
Página de inicio  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGS2000 Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  EGS2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAGMAX® Electromagnetic Flowmeter EGS2000
4
TOKYO KEISO CO., LTD.
TG-F1041-5E
ELECTRICAN CONNECTION DIAGRAM
Following diagram shows the interconnection diagram between the primary head and EGC100W converter as an example.
See the relevant technical guidance when other type of converter is interconnected.
● Cable
A : DS cable for electrode signal (Exclusive cable)
C : Excitation current cable
2 cores
× 0.75 to 2.5 mm2 with shield
(To be supplied by customer)
● Terminal : Spring clamp terminal
* Connect to the ground using the grounding wire in cross-section
area from grounding terminal.
(To be supplied by customer)
Cable length between Primary head and Converter
● The maximum length of electrode signal cable *1
*1 The maximum length of electrode signal cable is subject to the
fluid conductivity also. Refer to the technical guidance of con-
verter to be connected.
*2 The electrode signal cable A : When DS cable is used
Electrode signal
B : When BTS cable is used
Converter
EGC100W
Colors in ( ) show sheath color of cores.
(R): Red, (W): White
≤100Ω
Primary head
EGS2000
Ground clamp
123S
S7 8
7
8
9
1
2
3
4
A
C
Terminal No.
1
2
3
4
7
8
9
S
Electrode signal output
Not used
Exciting current input
Not used
Shield
Description
Grounding
*
(R)
(W)
(W)
(R)
Converter
EGC300F/W
EGC100W
Cable *2
size
(25 to 150mm)
A
B
A
size
(200 to 1000mm)
600m
600m
600m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com