Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGS2000 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

No. de pieza EGS2000
Descripción Electrónicos  EGS2000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEISO [TOKYO KEISO CO.,LTD.]
Página de inicio  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGS2000 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  EGS2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAGMAX® Electromagnetic Flowmeter EGS2000
TOKYO KEISO CO., LTD.
3
TG-F1041-5E
LINER MATERIAL AND FLANGE
◎:Standard  ○:Option  −:Not applicable
Flange
rating
Liner
Nominal size(mm)
25
40
50
65
80
100 125 150 200 250 300 350 400 450 500 600 700 800 900 1000
JIS10K
*
Polypropylene
◎◎◎◎◎◎◎◎−−−−−−−−−−−−
Hard rubber
○○○○○○○○◎◎◎◎◎◎◎◎◎◎◎◎
JIS20K
Polypropylene
◎◎−−−−−−−−−−−−−−−−−−
Hard rubber
○○○○○○○○○○○○○○○○−−−−
ASME
class 150
Polypropylene
◎◎◎◎◎◎◎◎−−−−−−−−−−−−
Hard rubber
○○○○○○○○◎◎◎◎◎◎◎◎◎◎◎◎
ASME
class 300
Polypropylene
−−−−−−−−−−−−−−−−−−−−
Hard rubber
○○○○○○○○○○○○○○○○−−−−
DIN PN10
Hard rubber
−−−−−−−−◎◎◎◎◎◎◎◎◎◎◎◎
DIN PN16
Polypropylene
−−−◎−◎◎◎−−−−−−−−−−−−
Hard rubber
−−−○−○○○○○○○○○○○−−−−
DIN PN25
Polypropylene
−−−−−−−−−−−−−−−−−−−−
Hard rubber
−−−○−○○○○○○○○○○○−−−−
DIN PN40
Polypropylene
◎◎◎−◎−−−−−−−−−−−−−−−
Hard rubber
○○○○○○○○○○○○○○○○−−−−
* JIS20K flange is provided for nominal size 25 and 40 mm as standard.
(Installation dimensions of JIS20K flange are equal to JIS10K except the flange thickness.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com