Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGS2000 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

No. de pieza EGS2000
Descripción Electrónicos  EGS2000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEISO [TOKYO KEISO CO.,LTD.]
Página de inicio  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGS2000 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  EGS2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAGMAX® Electromagnetic Flowmeter EGS2000
TOKYO KEISO CO., LTD.
5
TG-F1041-5E
DIMENSIONS
Grounding
terminal
(M5)
Flow direction
(Standard)
Nominal size: 25 to 15 0 mm
W
L
(26)
53
58
50
106
Flow direction
(Standard)
Nominal size: 200 to 1000 mm
W
L
(26)
53
58
50
106
Grounding
terminal
(M5)
Dimensions (mm)
Mass (kg)
Nominal size
(mm)
L *1
(H)
25
40
50
65
80
100
125
150
200
250
300
350
400
450
500
600
700
800
900
1000
JIS 10K
150
150
200
200
200
250
250
300
350
400
500
500
600
600
600
600
700
900
1000
1200
ANSI 150
150
150
200
200
200
250
250
300
350
400
500
700
800
800
800
800
–
–
–
–
JIS 10K
223
238
257
266
279
309
343
374
441
497
544
589
650
705
759
874
987
1101
1203
1313
ANSI 150
215
232
256
267
281
318
345
373
447
500
563
610
668
712
770
882
–
–
–
–
H2
125
132
144
148
150
168
182
198
240
261
286
308
334
359
385
440
499
555
607
659
H3
161
168
180
184
186
204
218
234
276
297
322
344
370
395
421
476
535
591
643
695
W *2
90
105
120
140
150
175
210
240
291
331
381
428
483
533
585
694
812
922
1026
1132
JIS 10K
8
9
9
11
13
16
20
23
35
49
59
79
99
118
129
165
246
329
426
508
ANSI 150
9
10
10
12
14
19
23
27
44
65
96
130
167
187
224
307
–
–
–
–
*1 1) Dimension L does not include earth rings thickness.
2) Total overall length (L') with earth rings is as follows.
L' = L+2
× (3+t) mm
t : Gasket thickness between the liner and earth ring *
* In case of install the earth ring, gaskets are also needed between the primary head liner side and earth ring.
3) Dimension L is for JIS10K and ASME class150 flange. Consult TOKYO KEISO for other flanges.
*2 Dimension W indicates external dimension of housing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com