Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGS2000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

No. de pieza EGS2000
Descripción Electrónicos  EGS2000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEISO [TOKYO KEISO CO.,LTD.]
Página de inicio  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGS2000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  EGS2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TG-F1041-5E
Apr 2019
Oct 2010
6th edition
1st edition
K
GENERAL
MAGMAX® EGS2000 is less expensive, general purpose flange
type primary head of electromagnetic flowmeters with Polypropyl-
ene liner and Hard rubber liner suitable for water, sewage and hot
water.
25 to 1000 mm sizes are available.
EGS2000 is used in combination with
MAGMAX® series
converter of electromagnetic flowmeter.
FEATURES
❑ Polypropylene liner (Size : 25 to 150 mm) achieved high-durabil-
ity and high-heat resistance. Suitable for water, sewage, and hot
water for process temperature up to 90°C.
❏ Hastelloy C® electrodes as standard.
❑ ASME, JIS,DIN flanges are available including high pressure
services.
❑ High accuracy of ±0.5% of reading.
❑ Protection class IP68, against submersion is also available.
STANDARD SPECIFICATION
General Specification
● Converter for
:
MAGMAX® series Converter
combination
EGC300F/W, EGC100W or others
● Excitation
: Square wave
● Nominal size
: 25, 40, 50, 65, 80, 100, 125, 150, 200, 250
300, 350, 400, 450, 500, 600, 700, 800,
900, and 1000 mm
(For size over 1000 mm, consult TOKYO
KEISO.)
● Measuring range
: Flow velocity
Min. 0 to 0.3 m/s
Max. 0 to 12 m/s
Flow rate
Min. 0 to 0.531 m3/h
(Minimum flow at 25 mm size)
Max. 0 to 33928 m3/h
(Maximum flow at 1000 mm size)
● Protection class
: IIP66/67 and IP68 as an option
(IEC 60529)
● Body material
Measuring tube : Stainless steel (SS304)
Primary head housing : Carbon steel (*1) [Standard] (*2)
[Option] Stainless steel/SS304
Flanges : Carbon steel (*1) [Standard]
[Option] Stainless steel/SS316L
Terminal box : Aluminum alloy (*1)
(*1) Anti-corrosive painting
(*2)
When the size is 25 to 40mm and the wetted part lining is
hard rubber: Cast duplex stainless steel.
MAGMAX®
EGS2000
Electromagnetic Flowmeter
● Wetted part material
Liner : [Standard]
Size 25 to 150 mm ; Polypropylene
Size 200 to 1000 mm ; Hard rubber
[Option]
Hard rubber (Size 25 to 150 mm)
Note: Refer to the "LINER MATERIAL AND
FLANGE."
Electrode : Hastelloy C22® [Standard]
[Option] Stainless steel/SS316
Earth ring : [Option] Stainless steel/SS316 and others.
● Painting
: Siloxane coating
● Color
: Grey (Primary head housing / Terminal box
housing)
Jade green (Terminal box cover)
● Cable entry
: 2
× G1/2 female thread
2
× 1/2 NPT female thread
2
× M20 with watertight glands
(Option : Watertight glands for G1/2)
● Power supply
: Supplied from converter
● Ambient temperature : –40 to +65˚C (For operation)
–50 to +70˚C (For storage)
● Grounding
: Grounding resistance must be less than
100
Ω
● Process connection : Flange connection
● Flanges
: JIS10K/20K, ASME class 150/300,
DIN PN40/16/10
Note: Refer to the "LINER MATERIAL AND
FLANGE."


Número de pieza similar - EGS2000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TOKYO KEISO CO.,LTD.
EGS2000 KEISO-EGS2000 Datasheet
121Kb / 6P
Converter for Electromagnetic Flowmeter
Feb 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com