Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGS2000 Datasheet(PDF) 7 Page - TOKYO KEISO CO.,LTD.

No. de pieza EGS2000
Descripción Electrónicos  EGS2000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEISO [TOKYO KEISO CO.,LTD.]
Página de inicio  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGS2000 Datasheet(HTML) 7 Page - TOKYO KEISO CO.,LTD.

  EGS2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MAGMAX® Electromagnetic Flowmeter EGS2000
TOKYO KEISO CO., LTD.
7
TG-F1041-5E
● Nominal size : 200 to 600 mm
Model : EGS2000
Primary head
Spec. code
V
Primary head code
Nominal size
(Fixed code)
N1 5
VN 1 5
4
4
10 0
00
E
F
G
H
K
L
M
N
0
02000000
Flange type
always 4
200 mm
250 mm
300 mm
350 mm
400 mm
450 mm
500 mm
600 mm
DIN PN10
DIN PN16
DIN PN25
DIN PN40
ASME class 150
ASME class 300
JIS 20K
JIS 10K
Others
General type
Aluminum alloy / 1/2 NPT female thread
Aluminum alloy / 1/2 G female thread
Aluminum alloy / M20 with watertight glands
Others
Separate type
Hard rubber
Stainless steel (SS316)
Hastelloy® C22
Fixed mounting
Carbon steel / Carbon steel
Carbon steel / Stainless steel (SS316L)
IP66/67
IP68 *5
always 00
Standard calibration
None
Stainless steel (SS316) *2
Others *2
always 02000000
None
Involved *3
Flange
2
3
4
5
A
B
M
N
9
Use purpose
0
Terminal box / Cable entry
4
5
6
9
Type
0
0
Liner
Electrode material
1
3
Construction of electrode
1
1
3
Primary head housing / Flange material
Earth ring
Protection class
(Fixed code)
Calibration
0
1
0
0
0
0
1
9
(Fixed code)
Special feature
02000000
(Blank)
/Z
*2 The earth rings are to be installed between primary head and connection flanges on installation.
(Refer to the remarks for "DIMENSIONS" table)
*3 Add code "/Z" to a series of above mentioned codes with explanation for the other requirements not mentioned above code table.
Do not hesitate to consult TOKYO KEISO Co., Ltd. before ordering for such requirements.
Standard
Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com