Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EGS2000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

No. de pieza EGS2000
Descripción Electrónicos  EGS2000
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEISO [TOKYO KEISO CO.,LTD.]
Página de inicio  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

EGS2000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  EGS2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. EGS2000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAGMAX® Electromagnetic Flowmeter EGS2000
2
TOKYO KEISO CO., LTD.
TG-F1041-5E
Fluid Specification
● Temperature : Polypropylene liner: –5 to 90˚C
Hard rubber liner:
–5 to 80˚C
● Pressure
: Subject to pressure and temperature rating of the
flanges.
Note: The allowable pressure and temperature dif-
fer with the liner material.
Refer to "FLUID TEMPERATURE AND PRES-
SURE RANGE" for details.
● Conductivity : 20 μS/cm or more
Note: The minimum conductivity is restricted ac-
cording to the kind of the converter to com-
bine and the length of electrode signal cable.
Refer to the Technical Guidance for Con-
verter.
Accuracy
±0.5% of reading
Note: Refer to the Technical Guidance for Converter as details.
FLUID TEMPERATURE AND PRESSURE RANGE
Fluid Temperature
Liner
Nominal size (mm)
Temperature
Polypropylene
25 to 150
–5 to +90˚C
Hard rubber
25 to 1000
–5 to +80˚C
Maximum Pressure
Liner
Nominal size (mm)
Pressure MPa *1
Polypropylene
25 to 80 (Except 65mm)
4.0
65, 100 to 150
1.6
Hard rubber
25 to 1000
15
Permissible Vacuum Load
Liner
Nominal size
Minimum pressure kPa (abs) / Fluid temp.
(mm)
40˚C
60˚C
80˚C
90˚C
Polypropylene
25 to 150
25
40
40
*2
Hard rubber
25 to 300
25
40
40
–
350 to 1000
50
60
60
–
*2 : Vacuum not acceptable – : Not applicable
FLOW RANGE
Nominal size
Possible setting range (m3/h)
(mm)
Min. (Velocity : 0 to 0.3 m/s)
Max. (Velocity : 0 to 12 m/s)
25
0 to 0.531
0 to 21.2
40
0 to 1.36
0 to 54.2
50
0 to 2.13
0 to 84.8
65
0 to 3.59
0 to 143
80
0 to 5.43
0 to 217
100
0 to 8.49
0 to 339
125
0 to 13.3
0 to 530
150
0 to 19.1
0 to 763
200
0 to 34.0
0 to 1357
250
0 to 53.1
0 to 2120
Nominal size
Possible setting range (m3/h)
(mm)
Min. (Velocity : 0 to 0.3 m/s)
Max. (Velocity : 0 to 12 m/s)
300
0 to 76.4
0 to 3053
350
0 to 104
0 to 4156
400
0 to 136
0 to 5428
450
0 to 172
0 to 6870
500
0 to 213
0 to 8482
600
0 to 306
0 to 12214
700
0 to 416
0 to 16624
800
0 to 543
0 to 21714
900
0 to 688
0 to 27481
1000
0 to 849
0 to 33928
*1 Maximum operating pressure must be within the flange rating
pressure.
The value on this table indicates maximum pressure which can
be manufactured.
Consult TOKYO KEISO for details.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com