Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 375 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 371Page - Renesas Technology Corp H8S/20223 Datasheet HTML 372Page - Renesas Technology Corp H8S/20223 Datasheet HTML 373Page - Renesas Technology Corp H8S/20223 Datasheet HTML 374Page - Renesas Technology Corp H8S/20223 Datasheet HTML 375Page - Renesas Technology Corp H8S/20223 Datasheet HTML 376Page - Renesas Technology Corp H8S/20223 Datasheet HTML 377Page - Renesas Technology Corp H8S/20223 Datasheet HTML 378Page - Renesas Technology Corp H8S/20223 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 349 of 962
REJ09B0465-0100
Notes: 1. Vector address indicates the lower 11 bits of vector address when VOFR = H'0000.
2. Supported only in the H8S/20223 group and reserved in other products.
3. Supported only in the H8S/20103 group and reserved in other products.
4. Not supported in the H8S/20103 group and reserved in the H8S/20103 group.
5. DTCE bits with no corresponding interrupt are reserved. The write value should always
be 0.
11.5
Operation
The DTC stores register information in the on-chip RAM. When activated, the DTC reads register
information in the on-chip RAM and transfers data. After the data transfer, it writes updated
register information back to the on-chip RAM. Pre-storage of register information in the on-chip
RAM makes it possible to transfer data over any required number of channels. There are three
transfer modes: normal mode, repeat mode, and block transfer mode. Setting the CHNE bit to 1
allows a number of transfers with a single activation (chain transfer). Setting the CHNS bit to 1
enables chain transfer only when the transfer counter value is 0.
The 24-bit SAR designates the DTC transfer source address and the 24-bit DAR designates the
transfer destination address. After each transfer, SAR and DAR are independently incremented,
decremented, or left fixed according to the register information.
Figure 11.5 shows a flowchart of DTC operation, and table 11.4 summarizes the chain transfer
conditions (for performing the first and second transfers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com