Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 372 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 368Page - Renesas Technology Corp H8S/20223 Datasheet HTML 369Page - Renesas Technology Corp H8S/20223 Datasheet HTML 370Page - Renesas Technology Corp H8S/20223 Datasheet HTML 371Page - Renesas Technology Corp H8S/20223 Datasheet HTML 372Page - Renesas Technology Corp H8S/20223 Datasheet HTML 373Page - Renesas Technology Corp H8S/20223 Datasheet HTML 374Page - Renesas Technology Corp H8S/20223 Datasheet HTML 375Page - Renesas Technology Corp H8S/20223 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 346 of 962
REJ09B0465-0100
Table 11.3
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs
Origin of
Activation
Source
Activation Source
Vector
Number
Vector Address*
1
DTCE*
5
Priority
Software
Write to DTVECR
DTVECR H'0400 +
(DTVECR[6:0]
× 2)
High
External pin
IRQ0
22
H'42C to H'42D
DTCEA7
IRQ1
23
H'42E to H'42F
DTCEA6
IRQ2
24
H'430 to H'431
DTCEA5
IRQ3
25
H'432 to H'433
DTCEA4
IRQ4
26
H'434 to H'435
DTCEA3
IRQ5
27
H'436 to H'437
DTCEA2
IRQ6
28
H'438 to H'439
DTCEA1
IRQ7
29
H'43A to H'43B
DTCEA0
A/D converter
unit 1
IADEND_1
(conversion completion)
30
H'43C to H'43D
DTCEB7
IADCMP_1
(compare condition match)
31
H'43E to H'43F
DTCEB6
A/D converter
unit 2*
2
IADEND_2
(conversion completion)
32
H'442 to H'443
DTCEB5
IADCMP_2
(compare condition match)
33
H'444 to H'445
DTCEB4
ELC
ELC1FP
(ELSR12 event occurrence)
35
H'446 to H'447
DTCEB3
ELC2FP
(ELSR30 event occurrence)
36
H'448 to H'449
DTCEB2
SCI3 channel 1 SCI3_1 RXI
38
H'44C to H'44D
DTCEB1
SCI3_1 TXI
39
H'44E to H'44F
DTCEB0
SCI3 channel 2 SCI3_2 RXI
42
H'454 to H'455
DTCEC7
SCI3_2 TXI
43
H'456 to H'457
DTCEC6
SCI3 channel 3 SCI3_3 RXI
46
H'45C to H'45D
DTCEC5
SCI3_3 TXI
47
H'45E to H'45F
DTCEC4
IIC2/SSU
IIC2/SSU_RXI
60
H'478 to H'479
DTCED7
IIC3/SSU_TXI
61
H'47A to H'47B
DTCED6
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com