Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 380 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 376Page - Renesas Technology Corp H8S/20223 Datasheet HTML 377Page - Renesas Technology Corp H8S/20223 Datasheet HTML 378Page - Renesas Technology Corp H8S/20223 Datasheet HTML 379Page - Renesas Technology Corp H8S/20223 Datasheet HTML 380Page - Renesas Technology Corp H8S/20223 Datasheet HTML 381Page - Renesas Technology Corp H8S/20223 Datasheet HTML 382Page - Renesas Technology Corp H8S/20223 Datasheet HTML 383Page - Renesas Technology Corp H8S/20223 Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 354 of 962
REJ09B0465-0100
First block
Transfer
Block area
Nth block
DAR
or
SAR
SAR
or
DAR
Figure 11.8 Memory Mapping in Block Transfer Mode
11.5.4
Chain Transfer
Setting the CHNE bit in MRB to 1 enables a number of data transfers to be performed
consecutively in response to a single transfer request. SAR, DAR, CRA, CRB, MRA, and MRB
can be set independently.
Figure 11.9 shows the operation of chain transfer. When activated, the DTC reads the register
information start address stored at the vector address, and then reads the first register information
at that start address. The CHNE bit in MRB is checked after the end of data transfer, if the value is
1, the next register information, which is located consecutively, is read and transfer is performed.
This operation is repeated until the end of data transfer of register information with CHNE = 0.
Setting both the CHNE bit and CHNS bit to 1 enables execution of chain transfer only when the
transfer counter value is 0.
In the case of transfer with CHNE set to 1, an interrupt request to the CPU is not generated at the
end of the specified number of transfers or by setting of the DISEL bit to 1, and the interrupt
source flag for the activation source is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com