Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 384 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 380Page - Renesas Technology Corp H8S/20223 Datasheet HTML 381Page - Renesas Technology Corp H8S/20223 Datasheet HTML 382Page - Renesas Technology Corp H8S/20223 Datasheet HTML 383Page - Renesas Technology Corp H8S/20223 Datasheet HTML 384Page - Renesas Technology Corp H8S/20223 Datasheet HTML 385Page - Renesas Technology Corp H8S/20223 Datasheet HTML 386Page - Renesas Technology Corp H8S/20223 Datasheet HTML 387Page - Renesas Technology Corp H8S/20223 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 358 of 962
REJ09B0465-0100
Table 11.9
Number of States Required for Each Execution Status
Object to be Accessed
On-
Chip
RAM
On-
Chip
ROM Internal I/O Register
Bus width
32
16
8
16
Access states
1
1
2
3
4
2
3
4
Vector read S
I
1
1
2
3
4
2
3
4
Execution
state
Register information
read/write S
J
1
Byte data read S
K
1
1
2
3
4
2
3
4
Word data read S
K
1
1
4
6
8
2
3
4
Byte data write S
L
1
1
2
3
4
2
3
4
Word data write S
L
1
1
4
6
8
2
3
4
Internal operation S
M
1
The number of execution states is calculated from the formula below. Note that
Σ means the sum
of all transfers activated by one activation source (the number in which the CHNE bit is set to 1
+
1).
Number of execution states = I · S
I + Σ (J · SJ + K · SK + L · SL) + M · SM
For example, when the DTC vector address table is located in on-chip ROM and data is
transferred from the on-chip ROM to an internal I/O register (two-state access) in normal mode,
the time required for the DTC operation is 13 states. The time from activation to the end of the
data write is 10 states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com