Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 427 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 423Page - Renesas Technology Corp H8S/20223 Datasheet HTML 424Page - Renesas Technology Corp H8S/20223 Datasheet HTML 425Page - Renesas Technology Corp H8S/20223 Datasheet HTML 426Page - Renesas Technology Corp H8S/20223 Datasheet HTML 427Page - Renesas Technology Corp H8S/20223 Datasheet HTML 428Page - Renesas Technology Corp H8S/20223 Datasheet HTML 429Page - Renesas Technology Corp H8S/20223 Datasheet HTML 430Page - Renesas Technology Corp H8S/20223 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 401 of 962
REJ09B0465-0100
13.2.2
Timer RA I/O Control Register (TRAIOC)
b7
0
b6
0
b5
0
b4
0
b3
TIOSEL
0
b2
TOENA
0
b1
TOPCR
0
b0
TEDGSEL
0
H'FF06F1
TIOGT[1:0]
TIPF[1:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7, 6
TIOGT[1:0] TRAIO event
input control
00: Input control is not performed. (Events are always
enabled.)
01: Input control is performed. (Events are enabled
when IRQ2 input is high.)
10: Setting prohibited
11: Setting prohibited
R/W
5, 4
TIPF[1:0]
TRAIO input
filter select
00: No filter operation
01: Filtered (Sampled at
φ)
10: Filtered (Sampled at
φ/8)
11: Filtered (Sampled at
φ/32)
These bits should be set to B'00 in timer mode and
pulse output mode.
R/W
3
TIOSEL
TRAIO input
select
0: Input from the TRAIO pin
1: Input from the LIN
R/W
2
TOENA
TRAO output
enable
0: TRAO outputs are disabled.
1: TRAO outputs are enabled.
This bit should be set to 0 except in event counter
mode and pulse output mode.
R/W
1
TOPCR
TRAIO output
control
0: TRAIO outputs are enabled.
1: TRAIO outputs are disabled.
This bit should be set to 0 except in pulse output
mode.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com