Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 429 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 425Page - Renesas Technology Corp H8S/20223 Datasheet HTML 426Page - Renesas Technology Corp H8S/20223 Datasheet HTML 427Page - Renesas Technology Corp H8S/20223 Datasheet HTML 428Page - Renesas Technology Corp H8S/20223 Datasheet HTML 429Page - Renesas Technology Corp H8S/20223 Datasheet HTML 430Page - Renesas Technology Corp H8S/20223 Datasheet HTML 431Page - Renesas Technology Corp H8S/20223 Datasheet HTML 432Page - Renesas Technology Corp H8S/20223 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 403 of 962
REJ09B0465-0100
13.2.3
Timer RA Mode Register (TRAMR)
b7
TCKCUT
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FF06F2
TCK[2:0]
TMOD[2:0]
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
TCKCUT
Timer RA count
source cutoff
0: Count source is supplied.
1: Count source is cut off.
R/W
6 to 4
TCK[2:0]*
2
Timer RA count
source select
000:
φ
001:
φ/8
010:
φ/40
011:
φ/2
100:
φsub
101:
φ/32
110:
φ/64
111:
φ/128
R/W
3
Reserved
This bit is read as 0. The write value should be 0.
2 to 0
TMOD[2:0]
Timer RA
operating mode
select
000: Timer mode
001: Pulse output mode
010: Event count mode
011: Pulse width measurement mode
100: Pulse cycle measurement mode
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
R/W
Note:
1. The counting should be stopped (when both the TSTART and TCSTF bits in TRACR
are 0) when this register is modified.
2. If the internal
φ/40 clock is selected, the high-speed on-chip oscillator must be
operating. As long as the internal
φ40 clock is selected, do not stop the high-speed on-
chip oscillator.
• TCK2 bit and TCK0 bit (timer RA count source select)
A count source is selected if the mode is not the event count mode.
• TMOD2 bit to TMOD0 bit (timer RA operating mode select)
Writing to TRAMR initializes the output level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com