Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 467 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 463Page - Renesas Technology Corp H8S/20223 Datasheet HTML 464Page - Renesas Technology Corp H8S/20223 Datasheet HTML 465Page - Renesas Technology Corp H8S/20223 Datasheet HTML 466Page - Renesas Technology Corp H8S/20223 Datasheet HTML 467Page - Renesas Technology Corp H8S/20223 Datasheet HTML 468Page - Renesas Technology Corp H8S/20223 Datasheet HTML 469Page - Renesas Technology Corp H8S/20223 Datasheet HTML 470Page - Renesas Technology Corp H8S/20223 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 441 of 962
REJ09B0465-0100
15.2.1
Timer RC Mode Register (TRCMR)
b7
CTS
0
b6
1
b5
BUFEB
0
b4
BUFEA
0
b3
PWM2
1
b2
PWMD
0
b1
PWMC
0
b0
PWMB
0
H'FFFF8A
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
CTS
Counter start
0: TRCCNT stops counting.
1: TRCCNT starts counting.
[Setting conditions]
• When 1 is written in CTS
• When the specified event is occurred after
ELOPA of the event link controller is selected
counting by timer RC.
[Clearing conditions]
• When 0 is written in CTS
• In PWM2 mode, when the CSTP bit in TRCCR2
is set to 1 and a compare match signal is
generated.
R/W
6
Reserved
This bit is read as 1. The write value should be 1.
5
BUFEB
Buffer
operation B
0: GRD functions as an input capture/output
compare register
1: GRD functions as the buffer register for GRB
R/W
4
BUFEA
Buffer
operation A
0: GRC functions as an input capture/output
compare register
1: GRC functions as the buffer register for GRA
R/W
3
PWM2
PWM2 mode
0: Timer RC functions in PWM2 mode.
The following settings are invalid: TRCIOR0,
TRCIOR1, and the PWMB, PWMC, and PWMD
bits in TRCMR.
1: Timer RC functions in timer mode or PWM mode.
The following settings are valid: TRCIOR0,
TRCIOR1, and the PWMB, PWMC, and PWMD
bits in TRCMR.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com