Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 463 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 459Page - Renesas Technology Corp H8S/20223 Datasheet HTML 460Page - Renesas Technology Corp H8S/20223 Datasheet HTML 461Page - Renesas Technology Corp H8S/20223 Datasheet HTML 462Page - Renesas Technology Corp H8S/20223 Datasheet HTML 463Page - Renesas Technology Corp H8S/20223 Datasheet HTML 464Page - Renesas Technology Corp H8S/20223 Datasheet HTML 465Page - Renesas Technology Corp H8S/20223 Datasheet HTML 466Page - Renesas Technology Corp H8S/20223 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 437 of 962
REJ09B0465-0100
Section 15 Timer RC
Timer RC is a 16-bit timer having output compare and input capture functions. Timer RC can
count external events and output pulses with a desired duty cycle using the compare match
function between the timer counter and four general registers. Thus, it can be applied to various
systems.
Note:
Timer RC is not supported in H8S/20223 and H8S/20203 groups.
15.1
Features
• Selection of seven counter clock sources
Six internal clocks (
φ, φ/2, φ/4, φ/8, φ/32, and φ40) and an external clock (for counting external
events)
• Capability to process up to four pulse outputs or four pulse inputs
• Four general registers
Can be used as output compare or input capture registers independently
Can be used as buffer registers for the output compare or input capture registers
• Timer inputs and outputs
 Timer mode
Output compare function (Selection of 0 output, 1 output, or toggle output)
Input capture function (Rising edge, falling edge, or both edges can be detected.)
Counter clearing function (Counter cycle can be set.)
 PWM mode
Generates up to three-phase PWM output.
 PWM2 mode
Generates pulses with a desired period and duty cycle.
• Any initial timer output value can be set
• Five interrupt sources
Four compare match/input capture interrupts and an overflow interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com