Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 486 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 482Page - Renesas Technology Corp H8S/20223 Datasheet HTML 483Page - Renesas Technology Corp H8S/20223 Datasheet HTML 484Page - Renesas Technology Corp H8S/20223 Datasheet HTML 485Page - Renesas Technology Corp H8S/20223 Datasheet HTML 486Page - Renesas Technology Corp H8S/20223 Datasheet HTML 487Page - Renesas Technology Corp H8S/20223 Datasheet HTML 488Page - Renesas Technology Corp H8S/20223 Datasheet HTML 489Page - Renesas Technology Corp H8S/20223 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 460 of 962
REJ09B0465-0100
Table 15.4
FTIOB Pin Functions
Register
Name
TRCOER
TRCMR
TRCIOR0
Bit Name
EB
PWM2
PWMB
IOB2 to
IOB0
Function
0
0
X
XXX
PWM2 mode waveform output
0
1
1
XXX
PWM mode waveform output
0
1
0
001, 01X
Timer mode waveform output (output
compare function)
X
1
0
1XX
Timer mode (input capture function)
X
1
0
000
General input port (when PCR = 0 on
the corresponding pin)
Setting
values
Other than above
Setting prohibited
[Legend]
X:
Don't care.
Table 15.5
FTIOC Pin Functions
Register
Name
TRCOER
TRCMR
TRCIOR1
Bit Name
EC
PWM2
PWMC
IOC2 to
IOC0
Function
0
1
1
XXX
PWM mode waveform output
0
1
0
001, 01X
Timer mode waveform output (output
compare function)
X
1
0
1XX
Timer mode (input capture function)
X
1
0
000
General input port (when PCR = 0 on
the corresponding pin)
Setting
values
Other than above
Setting prohibited
[Legend]
X:
Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com