Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 488 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 484Page - Renesas Technology Corp H8S/20223 Datasheet HTML 485Page - Renesas Technology Corp H8S/20223 Datasheet HTML 486Page - Renesas Technology Corp H8S/20223 Datasheet HTML 487Page - Renesas Technology Corp H8S/20223 Datasheet HTML 488Page - Renesas Technology Corp H8S/20223 Datasheet HTML 489Page - Renesas Technology Corp H8S/20223 Datasheet HTML 490Page - Renesas Technology Corp H8S/20223 Datasheet HTML 491Page - Renesas Technology Corp H8S/20223 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 462 of 962
REJ09B0465-0100
Periodic counting operation can be performed when GRA is set as an output compare register and
the CCLR bit in TRCCR1 is set to 1. When the counter value matches GRA, TRCCNT is cleared
to H'0000, and the IMFA flag in TRCSR is set to 1. If the corresponding IMIEA bit in TRCIER is
set to 1, an interrupt request is generated. TRCCNT continues counting from H'0000. Figure 15.3
shows an example of periodic counting.
TRCCNT
GRA
H'0000
CTS bit
IMFA
Time
Flag cleared
by software
Figure 15.3 Periodic Counter Operation
By setting a general register as an output compare register, the specified level of a signal can be
output on the FTIOA, FTIOB, FTIOC, or FTIOD pin on compare match A, B, C, or D. The output
level can be selected from 0, 1, or toggle. Figure 15.4 shows an example of TRCCNT functioning
as a free-running counter. In this example, 1 is output on compare match A and 0 is output on
compare match B. When the signal level is already at the selected output level, it is not changed
on a compare match.
TRCCNT
H'FFFF
H'0000
FTIOA
FTIOB
Time
GRA
GRB
No change
No change
No change
No change
Figure 15.4 0 and 1 Output Example (TOA = 0, TOB = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com