Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 129 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 125Page - Renesas Technology Corp H8S/20223 Datasheet HTML 126Page - Renesas Technology Corp H8S/20223 Datasheet HTML 127Page - Renesas Technology Corp H8S/20223 Datasheet HTML 128Page - Renesas Technology Corp H8S/20223 Datasheet HTML 129Page - Renesas Technology Corp H8S/20223 Datasheet HTML 130Page - Renesas Technology Corp H8S/20223 Datasheet HTML 131Page - Renesas Technology Corp H8S/20223 Datasheet HTML 132Page - Renesas Technology Corp H8S/20223 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 103 of 962
REJ09B0465-0100
4.6
Usage Notes
4.6.1
Conflict between Interrupt Generation and Disabling
When an interrupt enable bit is cleared to 0 to mask interrupt requests, the masking becomes
effective after execution of the instruction. When an interrupt enable bit is cleared to 0 by an
instruction such as BCLR or MOV, if an interrupt is generated during execution of the instruction,
the interrupt concerned is still enabled on completion of the instruction, and so interrupt exception
handling for that interrupt will be executed after completion of the instruction. However, if there is
an interrupt request of higher priority than that interrupt, interrupt exception handling with the
higher-priority interrupt is executed, and that lower-priority interrupt will be ignored. The same
also applies when an interrupt source flag is cleared to 0. Figure 4.6 shows an example in which
the IRQ0E bit in IER is cleared to 0. The above conflict does not occur if an enable bit or interrupt
source flag is cleared to 0 while the interrupt is masked.
Internal
address bus
Internal
write signal
φ
IRQ0E
IRQ0 flag
IRQ0
interrupt signal
IER write cycle by CPU
IRQ0 exception handling
IER address
Figure 4.6 Conflict between Interrupt Generation and Disabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com